Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA13 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 3 Page - Cirrus Logic

  PA13_09 Datasheet HTML 1Page - Cirrus Logic PA13_09 Datasheet HTML 2Page - Cirrus Logic PA13_09 Datasheet HTML 3Page - Cirrus Logic PA13_09 Datasheet HTML 4Page - Cirrus Logic PA13_09 Datasheet HTML 5Page - Cirrus Logic PA13_09 Datasheet HTML 6Page - Cirrus Logic PA13_09 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA13 • PA13A
PA13U
3
P r o d u c t I n n o v a t i o n F r o m
Parameter
Test Condi-
tions2,5
PA13
PA13A
Units
Min
Typ
Max
Min
Typ
Max
OUTPUT
VOLTAGESWING(Note4)
PA13=10A,
PA13A=15A
±V
S-6
*
V
VOLTAGESWING(Note4)
I
O=5A
±V
S-5
*
V
VOLTAGESWING(Note4)
Fulltemprange,
I
O=80mA
±V
S-5
*
V
CURRENT,peak
10
15
A
SETTLINGTIMEto0.1%
2Vstep
2
*
µS
SLEWRATE
2.5
4
*
*
V/µS
CAPACITIVELOAD
Fulltemprange,
A
V=4
1.5
*
nF
CAPACITIVELOAD
Fulltemprange,
A
V>10
SOA
*
POWER SUPPLY
VOLTAGE
Fulltemprange
±10
±40
±45
*
*
*
V
CURRENT,quiescent
25
50
*
*
mA
THERMAL
RESISTANCE,AC,
junctiontocase(Note5)
T
C=–55to
+125°C,F>
60Hz
0.6
0.7
*
*
°C/W
RESISTANCE,DC,
junctiontocase
T
C=–55to
+125°C
0.9
1.1
*
*
°C/W
RESISTANCE,DC,
junctiontoair
T
C=–55to
+125°C
30
*
°C/W
TEMPERATURERANGE,case Meetsfullrange
specification
-25
+85
*
*
°C
NOTES: 1. (AllMin/MaxcharacteristicsandspecificationsareguaranteedovertheSpecifiedOperatingCondi-
tions.Typicalperformancecharacteristicsandspecificationsarederivedfrommeasurementstakenat
typicalsupplyvoltagesandT
C=25°C).
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
powerdissipationtoachievehighMTTF.
* ThespecificationofPA13AisidenticaltothespecificationforPA13intheapplicablecolumntotheleft
3. Thepowersupplyvoltageforalltestsis±40,unlessotherwisenotedasatestcondition.
4. +V
Sand–VSdenotethepositiveandnegativesupplyrailrespectively.TotalVSismeasuredfrom+VS
to–V
S.
5. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
6. Fulltemperaturerangespecificationsareguaranteedbutnot100%tested.


Similar Part No. - PA13_09

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1320.121NL PULSE-PA1320.121NL Datasheet
97Kb / 2P
   SMT POWER INDUCTORS Power Beads
PA1320.121NL PULSE-PA1320.121NL Datasheet
596Kb / 2P
   Power Beads - PA1320NL and PA1320ANL Series
PA1320.141NL PULSE-PA1320.141NL Datasheet
596Kb / 2P
   Power Beads - PA1320NL and PA1320ANL Series
PA1320.171NL PULSE-PA1320.171NL Datasheet
97Kb / 2P
   SMT POWER INDUCTORS Power Beads
PA1320.171NL PULSE-PA1320.171NL Datasheet
596Kb / 2P
   Power Beads - PA1320NL and PA1320ANL Series
More results

Similar Description - PA13_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com