Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11G1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # H11G1
Description  6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

H11G1 Datasheet(HTML) 3 Page - Motorola, Inc

  H11G1 Datasheet HTML 1Page - Motorola, Inc H11G1 Datasheet HTML 2Page - Motorola, Inc H11G1 Datasheet HTML 3Page - Motorola, Inc H11G1 Datasheet HTML 4Page - Motorola, Inc H11G1 Datasheet HTML 5Page - Motorola, Inc H11G1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
H11G1 H11G2 H11G3
3
Motorola Optoelectronics Device Data
0.1
–60
TA, AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
140
1
10
100
0.1
0.01
0.1
IF, IRED INPUT CURRENT (mA)
Figure 1. Output Current versus Input Current
1
10
100
1000
NORMALIZED TO:
VCE = 5 V
IF = 1 mA (300 µs PULSES)
1
10
100
NORMALIZED TO:
TA = 25°C
IF = 1 mA (300 µs PULSES)
VCE = 5 V
IF = 50 mA
IF = 0.5 mA
Figure 2. Output Current versus Temperature
IF = 5 mA
IF = 1 mA
TYPICAL CHARACTERISTICS
0.01
0.2
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 3. Output Current versus
Collector–Emitter Voltage
0.1
1
10
100
1
10
20
IF = 10 mA
IF = 2 mA
IF = 1 mA
IF = 0.5 mA
NORMALIZED TO:
TA = 25°C
IF = 1 mA (300 µs PULSES)
VCE = 5 V
IF = 50 mA
1
0
TA, AMBIENT TEMPERATURE (°C)
10
100
1000
10 k
100 k
10
20
30
40
50
60
70
80
90
100
VCE = 30 V
VCE = 80 V
VCE = 10 V
0.1
0.1
ton + toff, TOTAL SWITCHING SPEED (NORMALIZED)
1
10
1
10
NORMALIZED TO:
IF = 10 mA
RL = 100 OHMS
VCC = 5 V
RL = 10 Ω
RL = 100 Ω
RL = 1 kΩ
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
25
°C
100
°C
TA = –55°C
Figure 4. LED Forward Characteristics
Figure 5. Collector–Emitter Dark Current
versus Temperature
Figure 6. Input Current versus Total
Switching Speed (Typical Values)
PULSE ONLY
PULSE OR DC


Similar Part No. - H11G1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11G1 QT-H11G1 Datasheet
300Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPERS
logo
Fairchild Semiconductor
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
H11G1 ETC1-H11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1 ISOCOM-H11G1 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
More results

Similar Description - H11G1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
   6-Pin DIP Optoisolators Darlington Output
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
   6-Pin DIP Optoisolators Darlington Output
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com