Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA61 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA61
Description  Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA61 Datasheet(HTML) 2 Page - Cirrus Logic

  PA61 Datasheet HTML 1Page - Cirrus Logic PA61 Datasheet HTML 2Page - Cirrus Logic PA61 Datasheet HTML 3Page - Cirrus Logic PA61 Datasheet HTML 4Page - Cirrus Logic PA61 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA61 • PA61A
2
PA61U
PA61
PA61A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±2
±6
±1
±4
mV
OFFSET VOLTAGE, vs. temperature
Specified temperature range
±10
±65
*
±40
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±30
±200
*
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±20
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
12
30
10
20
nA
BIAS CURRENT, vs. temperature
Specified temperature range
±50
±500
*
*
pA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
±10
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
±12
±30
±5
±10
nA
OFFSET CURRENT, vs. temperature
Specified temperature range
±50
*
pA/°C
INPUT IMPEDANCE, DC
T
C = 25°C
200
*
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLTAGE RANGE3
Specified temperature range
±V
S–5
±V
S–3
*
*
V
COMMON MODE REJECTION, DC3
Specified temperature range
74
100
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
Full temp. range, full load
96
108
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, full load
1
*
MHz
POWER BANDWIDTH
T
C = 25°C, IO = 8A, VO = 40VPP
10
16
*
*
kHz
PHASE MARGIN
Full temperature range
45
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 10A
±V
S–7
±V
S–5
±V
S–6
*
V
VOLTAGE SWING3
Full temp. range, I
O = 4A
±V
S–6
±V
S–4
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 68mA
±V
S–5
*
V
CURRENT
T
C = 25°C
±10
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
2
*
µs
SLEW RATE
T
C = 25°C, RL = 6Ω
1.0
2.8
*
*
V/µs
CAPACITIVE LOAD, unit gain
Full temperature range
1.5
*
nF
CAPACITIVE LOAD, gain>4
Full temperature range
SOA
*
POWER SUPPLY
VOLTAGE
Full temperature range
±10
±32
±45
*
*
*
V
CURRENT, quiescent
T
C = 25°C
3
10
*
*
mA
THERMAL
RESISTANCE, AC, junction to case4
F > 60Hz
1.0
1.2
*
*
°C/W
RESISTANCE, DC, junction to case
F < 60Hz
1.5
1.8
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
–25
25
+85
*
*
*
°C
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
90V
OUTPUT CURRENT, within SOA
10A
POWER DISSIPATION, internal
97W
INPUT VOLTAGE, differential
±37V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder-10s
300°C
TEMPERATURE, junction1
200°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
NOTES: *
The specification of PA61A is identical to the specification for PA61 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage for all specifications is the TYP rating unless noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION


Similar Part No. - PA61

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA61 APEX-PA61 Datasheet
230Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
VBsemi Electronics Co.,...
PA610AD VBSEMI-PA610AD Datasheet
1,009Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA610DD UNIKC-PA610DD Datasheet
546Kb / 5P
   P-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
   DUAL 150MW AUDIO POWER AMPLIFIER
More results

Similar Description - PA61

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
   POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
   Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
   Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
   Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
   Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
   Power Operational Amplifiers
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA03 CIRRUS-PA03 Datasheet
207Kb / 5P
   Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com