Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA83A Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA83A
Description  High Voltage Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA83A Datasheet(HTML) 4 Page - Cirrus Logic

  PA83A Datasheet HTML 1Page - Cirrus Logic PA83A Datasheet HTML 2Page - Cirrus Logic PA83A Datasheet HTML 3Page - Cirrus Logic PA83A Datasheet HTML 4Page - Cirrus Logic PA83A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA83 • PA83A
4
PA83U
GENERAL
Please readApplication Note 1 "General Operating Consider-
ations" which covers stability, supplies, heat sinking, mounting,
current limit, SOA interpretation, and specification interpretation.
Visit www.Cirrus.com for design tools that help automate tasks
such as calculations for stability, internal power dissipation,
current limit and heat sink selection. The "Application Notes"
and "Technical Seminar" sections contain a wealth of informa-
tion on specific types of applications. Package outlines, heat
sinks, mounting hardware and other accessories are located
in the "Packages and Accessories" section. Evaluation Kits
are available for most Apex Precision Power product models,
consult the "Evaluation Kit" section for details. For the most
current version of allApex Precision Power product data sheets,
visit www.Cirrus.com.
SAFE OPERATING AREA (SOA)
The bipolar output stage of this high voltage amplifier has
two distinct limitations.
1. The internal current limit, which limits maximum available
output current.
2. The second breakdown effect, which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceed specified limits.
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads. However,
the following guidelines may save extensive analytical efforts:
+VS
–VS
FIGURE 1. PROTECTION, INDUCTIVE LOAD
100
300
200
20
30
40
50
100
200
150
250
150
120
80
70
INTERNAL VOLTAGE DROP, SUPPLY TO OUTPUT (V)
INTERNAL CURRENT LIMIT
SOA
1. The following capacitive and inductive loads are safe:
±V
S
C(MAX)
L(MAX)
150V
.7 F
1.5H
125V
2.0µF
2.5H
100V
5.µF
6.0H
75V
60µF
30H
50V
ALL
ALL
2. Short circuits to ground are safe with dual supplies up to
120V or single supplies up to 120V.
3. Short circuits to the supply rails are safe with total supply
voltages up to 120V, e.g. ±60V.
4. The output stage is protected against transient flyback.
However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
INDUCTIVE LOADS
Two external diodes as shown in Figure 1, are required
to protect these amplifiers against flyback (kickback) pulses
exceeding the supply voltages of the amplifier when driving
inductive loads. For component selection, these external diodes
must be very quick, such as ultra fast recovery diodes with
no more than 200 nanoseconds of reverse recovery time. Be
sure the diode voltage rating is greater than the total of both
supplies. The diode will turn on to divert the flyback energy
into the supply rails thus protecting the output transistors from
destruction due to reverse bias.
A note of caution about the supply.The energy of the flyback
pulse must be absorbed by the power supply.As a result, a tran-
sient will be superimposed on the supply voltage, the magnitude
of the transient being a function of its transient impedance and
current sinking capability. If the supply voltage plus transient
exceeds the maximum supply rating or if the AC impedance
of the supply is unknown, it is best to clamp the output and the
supply with a zener diode to absorb the transient.


Similar Part No. - PA83A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA83A APEX-PA83A Datasheet
261Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA83A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com