Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM75MX-24A Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # CM75MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM75MX-24A Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  CM75MX-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM75MX-24A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Jan. 2009
8
100
101
2
3
5
102
7
2
3
5
7
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Tj = 25
°C
Tj = 125
°C
0
0.5
1.0
1.5
2.0
Tj = 25
°C
Tj = 125
°C
0
0.5
1
1.5
2
2.5
3
3.5
4
010 20 30 40 50 60 70 80 90 100
VGE = 15V
Tj = 25
°C
Tj = 125
°C
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL) Brake part
COLLECTOR CURRENT IC (A)
CLAMP DIODE
FORWARD CHARACTERISTICS
(TYPICAL) Brake part
FORWARD VOLTAGE VF (V)
101
100
102
5
7
103
2
3
5
7
2
3
5
7
2
3
RECTIFIER DIODE
FORWARD CHARACTERISTICS
(TYPICAL) Converter part
FORWARD VOLTAGE VF (V)
MITSUBISHI IGBT MODULES
CM75MX-24A
HIGH POWER SWITCHING USE


Similar Part No. - CM75MX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75MX-24A MITSUBISHI-CM75MX-24A_12 Datasheet
274Kb / 8P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM75MX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com