Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM75RL-12NF Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM75RL-12NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM75RL-12NF Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM75RL-12NF_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM75RL-12NF_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM75RL-12NF_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM75RL-12NF_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM75RL-12NF_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM75RL-12NF_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb. 2009
2
600
±20
75
150
75
150
430
MITSUBISHI IGBT MODULES
CM75RL-12NF
HIGH POWER SWITCHING USE
V
V
A
A
A
A
W
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
G-E Short
C-E Short
DC, TC = 102
°C*1
Pulse
(Note 2)
Pulse
(Note 2)
TC = 25
°C
Symbol
Parameter
Collector current
Emitter current
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 1)
IEM (Note 1)
PC (Note 3)
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
INVERTER PART
600
±20
50
100
320
600
50
V
V
A
A
W
V
A
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Repetitive peak reverse voltage
Forward current
G-E Short
C-E Short
DC, TC = 107
°C*1
Pulse
(Note 2)
TC = 25
°C
Clamp diode part
Clamp diode part
Symbol
Parameter
Collector current
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
PC (Note 3)
VRRM
IFM
BRAKE PART
–40 ~ +150
–40 ~ +125
2500
2.5 ~ 3.5
2.5 ~ 3.5
350
°C
°C
Vrms
N • m
N • m
g
Junction temperature
Storage temperature
Isolation voltage
Torque strength
Weight
Terminals to base plate, f = 60Hz, AC 1 minute
Main terminals M5 screw
Mounting M5 screw
Typical value
Symbol
Parameter
Conditions
Unit
Ratings
Tj
Tstg
Viso
(COMMON RATING)


Similar Part No. - CM75RL-12NF_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75RL-12NF MITSUBISHI-CM75RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM75RL-12NF_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com