Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAV-008022 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAV-008022
Description  3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAV-008022 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAV-008022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAV-008022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAV-008022 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAV-008022 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
3 Volt Voltage Variable Absorptive Attenuator
40 dB, 0.5 - 2.0 GHz
Rev. V1
MAAV-008022
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
* Restrictions on Hazardous Substances, European Directive 2002/95/EC.
Functional Schematic
2,3,4,5
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Part Number
Package
MAAV-008022-000000
Bulk Packaging
MAAV-008022-TR3000
3000 piece reel
Features
• Single Positive Voltage Control: 0 to +3 Volts
• 40 dB Attenuation Range at 0.9 GHz
• ± 2 dB Linearity from BSL
• Low DC Power Consumption
• Lead-Free SOIC-8 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-113
Description
M/A-COM’s MAAV-008022 is a GaAs MMIC voltage
variable absorptive attenuator in a lead-free low-cost
SOIC 8-lead surface mount plastic package. The
MAAV-008022 is ideally suited for use where linear
attenuation
fine
tuning
and
very
low
power
consumption are required.
Typical applications include radio, cellular, GPS
equipment and automatic gain/level control circuits.
The MAAV-008022 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
7
6
5
8
1
2
3
4
2. VCC = +3 VDC @ 50 µA maximum.
3. VC = 0 VDC to +3 VDC @ 50 µA maximum.
4. External DC blocking capacitors are required on all RF ports.
5. 39 pF used for data measurements.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
VC
2
Ground
6
Ground
3
RF Port
7
RF Port
4
VCC
8
Ground
Absolute Maximum Ratings
6
Parameter
Absolute Maximum
Input Power
+21 dBm
Supply Voltage VCC
-1 V < VCC < +8 V
Control Voltage VC
-1 V < VC < VCC + 0.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.


Similar Part No. - MAAV-008022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
MAAV-008022-000000 MACOM-MAAV-008022-000000 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022-000000 MA-COM-MAAV-008022-000000 Datasheet
600Kb / 5P
   3 Volt Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
MAAV-008022-TR3000 MACOM-MAAV-008022-TR3000 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
More results

Similar Description - MAAV-008022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com