Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007236-C16423 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007236-C16423
Description  E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 3000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007236-C16423 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-007236-C16423 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007236-C16423 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
E-Series RF 1:4 Transmission Line Step-up Transformer
500 — 3000 MHz
Rev. V6
MABA-007236-C16423
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface mount
Wide frequency range
1:4 Impedance Ratio
CT on Secondary
Pb Free
RoHS* version of ETC1.6-4-2-3
260
0C reflow compatible.
Description
M/A-COM
Technology
Solutions
MABA-007236-
C16423 is a RoHS compliant 1:4 RF transmission
line step-up transformer in a low cost, surface mount
package. Ideally suited for high volume cellular and
wireless applications. Typical applications include
single to balanced mode conversion and impedance
matching. Parts are packaged in tape & reel.
Pin Configuration
Pin No.
Function
1
Secondary Dot
2
Secondary CT
3
Secondary
4
Primary
5
Primary Dot
Schematic
Primary
5
Primar
y 4
1 Secondary Dot
3 Secondary
2 Secondary CT
Case Style
3.3mm
±0.15mm
Recommended Maximum Ratings
1,2
Parameter
Value
DC Power
250 mW
DC Current
50 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MABA-007236-C16423

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007236-C16423 MACOM-MABA-007236-C16423 Datasheet
155Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423_15 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423_V6 MA-COM-MABA-007236-C16423_V6 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results

Similar Description - MABA-007236-C16423

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1.6-4-2-3 MA-COM-ETC1.6-4-2-3 Datasheet
150Kb / 2P
   E-Series RF 4:1 Transmission Line Transformer 500 - 3000 MHz
logo
Tyco Electronics
ETC1.6-4-2-3 MACOM-ETC1.6-4-2-3 Datasheet
165Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
MABA-007236-C16423 MACOM-MABA-007236-C16423 Datasheet
155Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
ETC16-4-2-3 MACOM-ETC16-4-2-3 Datasheet
262Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T_15 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com