Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007766-CF28A0 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007766-CF28A0
Description  1.5:1 Flux Coupled Transformer 5-350MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007766-CF28A0 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-007766-CF28A0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007766-CF28A0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-007766-CF28A0 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.5:1 Flux Coupled Transformer
5-350MHz
MABA-007766-CF28A0
V1P
3
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss 2: From pin 5 to pin 3
Amplitude Unbalance
Phase Balance
Typical Performance Curves: TA = 25°C, Z0 = 50Ω
Insertion Loss 1: From pin 5 to pin 1
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
5
54
104
153
202
251
301
350
Frequency (MHz)
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
5
54
104
153
202
251
301
350
Frequency (MHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5
54
104
153
202
251
301
350
Frequency (MHz)
170
172
174
176
178
180
182
184
186
188
190
5
54
104
153
202
251
301
350
Frequency (MHz)


Similar Part No. - MABA-007766-CF28A0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007766-CF28A0 MACOM-MABA-007766-CF28A0 Datasheet
71Kb / 3P
   1.5:1 Flux Coupled Transformer 5-350MHz
logo
M/A-COM Technology Solu...
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0 Datasheet
69Kb / 3P
   1.5:1 Flux Coupled Transformer
logo
Tyco Electronics
MABA-007766-CF28A0TR MACOM-MABA-007766-CF28A0TR Datasheet
71Kb / 3P
   1.5:1 Flux Coupled Transformer 5-350MHz
logo
M/A-COM Technology Solu...
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0_15 Datasheet
69Kb / 3P
   1.5:1 Flux Coupled Transformer
More results

Similar Description - MABA-007766-CF28A0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007766-CF28A0 MACOM-MABA-007766-CF28A0 Datasheet
71Kb / 3P
   1.5:1 Flux Coupled Transformer 5-350MHz
MABACT0067 MACOM-MABACT0067 Datasheet
79Kb / 3P
   4:1 Flux Coupled Transformer 1-350MHz
logo
M/A-COM Technology Solu...
MABACT0067 MA-COM-MABACT0067 Datasheet
80Kb / 3P
   4:1 Flux Coupled Transformer 1-350MHz
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0_15 Datasheet
69Kb / 3P
   1.5:1 Flux Coupled Transformer
MABA-007766-CF28A0 MA-COM-MABA-007766-CF28A0 Datasheet
69Kb / 3P
   1.5:1 Flux Coupled Transformer
logo
Tyco Electronics
MABA-007493-CF4160 MACOM-MABA-007493-CF4160 Datasheet
93Kb / 3P
   4:1 Flux Coupled Step-up Transformer 1-350MHz
logo
M/A-COM Technology Solu...
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
100Kb / 3P
   4:1 Flux Coupled Step-up Transformer 1-350MHz
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com