Selected language     English  ▼


H-9 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. H-9
Description  Hybrid Junction, 2 MHz - 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

   
 1 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Hybrid Junction,
2 MHz - 2 GHz
Rev. V2
H-9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 0o - 180o Hybrid with 10 Octave Bandwidth
• 30 dB Minimum Isolation
• Low VSWR
• Impedance: 50 Ohms Nom.
• Input Power: 2-20 MHz: 5 W. Max
20-2000 MHz: 25 W. Max
• MIL-STD_883 Screening Available
C-21
Guaranteed Specifications*: From –55
oC to +85oC
* All specifications apply with 50 Ohm source and load impedance. This product contains elements protected by United States Patent
Number 3,325,587.
Frequency Range
2-2000 MHz
Insertion Loss (less coupling)
2-5 MHz
5-20 MHz
20-300 MHz
300-1000 MHz
1000-1500 MHz
1500-2000 MHz
1.7 dB Max
1.7 dB Max
0.7 dB Max
1.4 dB Max
2.25 dB Max
2.5 dB Max
Isolation
2-20 MHz
20-300 MHz
300-1000 MHz
1000-2000 MHz
35 dB Min
40 dB Min
30 dB Min
30 dB Min
Amplitude Balance
2-2000 MHz
0.5 dB Max
VSWR
2-5 MHz
5-20 MHz
20-300 MHz
300-1000 MHz
1000-2000 MHz
3.5:1 Max
2.4:1 Max
1.4:1 Max
1.7:1Max
1.7:1Max
Phase Balance
2-300 MHz
300-1000 MHz
1000-2000 MHz
2
o Max
3
o Max
7
o Max




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl