Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-009691-CT1881 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009691-CT1881
Description  Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009691-CT1881 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-009691-CT1881 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009691-CT1881 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-009691-CT1881 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transformer, 1:1 Transmission Line Transformer
5 to 1200 MHz
M/A-COM Products
Rev. V1
MABA-009691-CT1881
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface mount
1:1 Impedance ratio
260°C reflow compatible
RoHS* compliant, Pb-Free
Available on tape and reel.
Description
M/A Com’s MABA-009691-CT1881 is a 1:1 RF
Transmission line transformer in a low cost, surface
mount package. Ideally suited for broadband CATV
applications.
Ordering Information
Part number
Description
MABA-009691-CT1881
2000 piece reel
MABA-009691-CT18TB
Customer Test Board
Note: Reference Application Note
M513 for reel size information.
Schematic
Pin no.
Function
1
Secondary Dot
2
Not connected (ground)
4
Primary (ground)
5
Not connected (ground)
6
Primary dot
3
Secondary
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Case Style: SM-136
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,
unless otherwise stated


Similar Part No. - MABA-009691-CT1881

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
   Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881_15 Datasheet
95Kb / 3P
   Transformer, 1:1 Transmission Line Transformer
More results

Similar Description - MABA-009691-CT1881

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0043 MA-COM-MABACT0043 Datasheet
131Kb / 3P
   1:1 Transmission Line Transformer 5 to 1200 MHz
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
   Transformer, 1:1 transmission line balun 5 to 1200 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
97Kb / 3P
   Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
MABA-011014 MA-COM-MABA-011014 Datasheet
761Kb / 5P
   Transformer, 1:1 Transmission Line 45 - 1200 MHz
MABA-009232-CT4A4B MA-COM-MABA-009232-CT4A4B Datasheet
134Kb / 3P
   Transformer, 4:1 transmission line balun 5 to 1200 MHz
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760 Datasheet
105Kb / 3P
   1:1 Transmission Line Balun Transformer 50 - 1200 MHz
logo
Tyco Electronics
MABACT0044 MACOM-MABACT0044 Datasheet
80Kb / 4P
   1:1 Transmission line Transformer 5 - 1000 MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
   Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com