Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-030015-1314 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-030015-1314
Description  SURMOUNT??15關M PIN Diodes RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-030015-1314 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADP-030015-1314 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
SURMOUNT™ 15µM PIN Diodes
RoHS Compliant
Rev. V5
MADP-017015-1314
MADP-030015-1314
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
Handling Procedures
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin oils. The
use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components. Bulk handling should
insure that abrasion and mechanical shock are minimized.
Bonding Techniques
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are conveniently
located on the bottom surface of these devices and are removed from the active junction locations. These devices are well
suited for solder attachment onto hard and soft substrates. The use of 80Au/20Sn, or RoHS compliant solders is
recommended. For applications where the average power is ~1W, conductive silver epoxy may also be used. Cure per
manufacturers recommended time and temperature. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. A vacuum tip pick-up tool and a force of
60 to100 grams applied to the top surface of the device is recommended. When soldering to soft substrates, such as Duroid, it
is recommended to use a soft solder at the circuit board to mounting pad interface. Position the die so that its mounting pads
are aligned with the circuit board mounting pads. While applying a downward force perpendicular to the top surface of the die,
apply heat near the circuit trace and diode mounting pad. The solder connection to the two pads should not be made one at a
time as this will create unequal heat flow and thermal stress to the part. Solder reflow should not be performed by causing heat
to flow through the top surface of the die to the back. Since the HMIC glass is transparent, the edges of the mounting pads
can be visually inspected through the die after attachment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS compliant solders is provided in Application Note M538 , “Surface Mounting
Instructions“ and can viewed on the MA-COM website @ www.macomtech.com
Part Number
Package
MADP-017015-13140G
100 piece gel pack
MADP-017015-13140P
3000 piece reel
MADP-030015-13140P
3000 piece reel
MADP-030015-13140G
100 piece gel pack


Similar Part No. - MADP-030015-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
739Kb / 5P
   15關m I-Region Length Devices
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
699Kb / 5P
   Polymer Scratch Protection
MADP-030015-13140G MA-COM-MADP-030015-13140G Datasheet
699Kb / 5P
   Polymer Scratch Protection
MADP-030015-13140P MA-COM-MADP-030015-13140P Datasheet
699Kb / 5P
   Polymer Scratch Protection
More results

Similar Description - MADP-030015-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
MADP-030015 MA-COM-MADP-030015 Datasheet
253Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015_15 Datasheet
247Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-030015 MA-COM-MADP-030015_15 Datasheet
253Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
113Kb / 4P
   SURMOUNT TM 8關m PIN Diode Pair RoHS Compliant
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
logo
Tyco Electronics
MADP-042005-S MACOM-MADP-042005-S Datasheet
76Kb / 4P
   SURMOUNT TM 5 關m PIN Diodes
logo
M/A-COM Technology Solu...
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com