Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-017025-13140G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-017025-13140G
Description  SURMOUNT??25關M PIN Diodes RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-017025-13140G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP-017025-13140G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-017025-13140G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-017025-13140G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-017025-13140G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SURMOUNT™ 25µM PIN Diodes
RoHS Compliant
Rev. V5
MADP-017025-1314
MADP-030025-1314
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Electrical Specifications @ TA = 25°C (unless otherwise noted)
Notes:
1) Total capacitance, CT, is equivalent to the sum of Junction Capacitance ,Cj, and Parasitic Capacitance, Cpar.
2) Series resistance RS is equivalent to the total diode resistance : Rs = Rj ( Junction Resistance) + Rc ( Ohmic Resistance)
3) Rs and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS213 package with 80/20,
Au/Sn solder.
MADP-0XX025 Series Typical Spice Parameters @ +25°C
Parameter
Symbol
Conditions
Units
Min
Typ
Max
Min
Typ
Max
MADP-017025
MADP-030025
Capacitance 1
CT
- 40V, 1MHz 1
pF
0.23
0.29
0.50
0.56
Capacitance 1
CT
- 40V, 1GHz 1,3
pF
0.23
0.50
Capacitance 1, 85°C
CT
- 40V, 1GHz 1,3
pF
0.22
-
Resistance 2
RS
+10mA, 1GHz 2,3
1.01
0.65
Resistance 2
RS
+70mA, 1GHz 2,3
0.64
0.45
Resistance 2, 85°C
RS
+10mA, 1GHz 2,3
1.48
-
Resistance 2, 85°C
RS
+70mA, 1GHz 2,3
1.03
-
Forward Voltage
VF
+10mA
V
0.74
0.90
0.73
0.90
Reverse Leakage
Current
IR
| -135V |
µA
-
10
-
10
Third Order
Intercept Point
IP3
F1 = 1800MHz
F2 = 1810MHz
Input Power = +39dBm CW
I bias = +70mA
dBm
76
77
C.W.
Thermal Resistance
RqJL
IH = 0.5A, IL= 10mA
°C/W
30
13
Lifetime
TL
+10mA / -6mA
( 50 % - 90 % V )
uS
2.3
2.8
Spice Parameter
N
RS
IS
IK
BV
IBV
Ct
CJO
VJ
M
FC
Cpar_Cj
Units
-
A
(mA) (Volts) (
µA) (pF) (pF) (Volts)
-
-
(F)
MADP-017025-1314
1.1
1.4
5.1E-15
12.6
175
10
0.38
0.10
0.17
0.50
0.12
2.7E-13
MADP-030025-1314
1.1
1.3
7.8E-15
12.7
175
10
0.80
0.27
0.12
0.50
0.07
5.3E-13


Similar Part No. - MADP-017025-13140G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
855Kb / 5P
   25關m I-Region Length Devices
More results

Similar Description - MADP-017025-13140G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
113Kb / 4P
   SURMOUNT TM 8關m PIN Diode Pair RoHS Compliant
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-030015 MA-COM-MADP-030015 Datasheet
253Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015_15 Datasheet
247Kb / 4P
   SURMOUNT 15關M PIN Diodes
MADP-030015 MA-COM-MADP-030015_15 Datasheet
253Kb / 4P
   SURMOUNT 15關M PIN Diodes
logo
Tyco Electronics
MADP-042005-S MACOM-MADP-042005-S Datasheet
76Kb / 4P
   SURMOUNT TM 5 關m PIN Diodes
logo
M/A-COM Technology Solu...
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
   SURMOUNT PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com