Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-042305-13060 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042305-13060
Description  SURMOUNTTM PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042305-13060 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-042305-13060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042305-13060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042305-13060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042305-13060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SURMOUNTTM PIN Diodes:
RoHS
M/A-COM Products
Rev. V5
MADP-042XX5-13060 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical Performance @ TAMB = +25 °C
Rs @ 1GHz
0.100
1.000
10.000
0.001
0.010
0.100
Bias (A)
042905
042305
042505
042405
Ct @ 1GHz
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0
5
10
15
20
25
30
35
40
Bias (V)
042905
042305
042505
042405
Ct vs. V
Rs vs. I
Ct @ 40V
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.00E+
00
2.00E+
08
4.00E+
08
6.00E+
08
8.00E+
08
1.00E+
09
1.20E+
09
1.40E+
09
1.60E+
09
1.80E+
09
Freq (Hz)
042905
042305
042505
042405
Ct @ 10V
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.00E+
00
2.00E+
08
4.00E+
08
6.00E+
08
8.00E+
08
1.00E+
09
1.20E+
09
1.40E+
09
1.60E+
09
1.80E+
09
Freq (Hz)
042905
042305
042505
042405
Ct vs. F
Ct vs. F
Rs @ 20mA
0.00E+00
5.00E-01
1.00E+00
1.50E+00
2.00E+00
2.50E+00
3.00E+00
3.50E+00
4.00E+00
0.00E+
00
2.00E+
08
4.00E+
08
6.00E+
08
8.00E+
08
1.00E+
09
1.20E+
09
1.40E+
09
1.60E+
09
1.80E+
09
Freq (Hz)
042905
042305
042505
042405
Rs @ 10mA
0.00E+00
5.00E-01
1.00E+00
1.50E+00
2.00E+00
2.50E+00
3.00E+00
3.50E+00
4.00E+00
4.50E+00
0.00E+
00
2.00E+
08
4.00E+
08
6.00E+
08
8.00E+
08
1.00E+
09
1.20E+
09
1.40E+
09
1.60E+
09
1.80E+
09
Freq (Hz)
042905
042305
042505
042405
Rs vs. F
Rs vs. F


Similar Part No. - MADP-042305-13060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADP-042305-130600 MACOM-MADP-042305-130600 Datasheet
76Kb / 4P
   SURMOUNT TM 5 關m PIN Diodes
logo
M/A-COM Technology Solu...
MADP-042305-130600 MA-COM-MADP-042305-130600 Datasheet
707Kb / 5P
   Polymer Scratch Protection
More results

Similar Description - MADP-042305-13060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
   SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X_V7 MA-COM-MA4SPS42X_V7 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
   SURMOUNTTM 8M PIN Diodes
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060 Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com