Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-042408-13060 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042408-13060
Description  SURMOUNTTM 8關M PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042408-13060 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-042408-13060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SURMOUNTTM 8µM PIN Diodes
RoHS Compliant
M/A-COM Products
Rev. V1
MADP-042XX8-13060 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Typical Performance @ TAMB = +25 °C
Ct @ 10V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042408
042508
042308
042908
Ct @ 1GHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
5
10
15
20
25
30
35
40
Bias (V)
042408
042508
042308
042908
Ct @ 40V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
Freq (GHz)
042408
042508
042308
042908
Rs @ 1GHz
0.100
1.000
10.000
0.001
0.010
0.100
Bias (A)
042408
042508
042308
042908
Rs @ 10mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
Freq (GHz)
042908
042308
042508
042408
Rs @ 20mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
Freq (GHz)
042908
042308
042508
042408


Similar Part No. - MADP-042408-13060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042408-13060G MA-COM-MADP-042408-13060G Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042408-13060P MA-COM-MADP-042408-13060P Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042408-13060T MA-COM-MADP-042408-13060T Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
More results

Similar Description - MADP-042408-13060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
   SURMOUNTTM 8M PIN Diodes
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
   SURMOUNTTM PIN Diodes
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
   SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X_V7 MA-COM-MA4SPS42X_V7 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com