Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-042908-13060 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042908-13060
Description  SURMOUNTTM 8關M PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042908-13060 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADP-042908-13060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042908-13060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042908-13060 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042908-13060 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SURMOUNTTM 8µM PIN Diodes
RoHS Compliant
M/A-COM Products
Rev. V1
MADP-042XX8-13060 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Features
Surface Mount
No Wirebonds Required
Rugged Silicon-Glass Construction
Silicon Nitride Passivation
Polymer Scratch Protection
Low Parasitic Capacitance and Inductance
High Average and Peak Power Handling
RoHS Compliant
Description
This device is a silicon, glass PIN diode surmount chip
fabricated with M/A-COM’s patented HMICTM process.
This device features two silicon pedestals embedded in a
low loss, low dispersion glass. The diode is formed on the
top of one pedestal and connections to the backside of the
device are facilitated by making the pedestal sidewalls
electrically conductive. Selective backside metallization is
applied producing a surface mount device. This vertical
topology provides for exceptional heat transfer. The
topside is fully encapsulated with silicon nitride and has an
additional polymer layer for scratch and impact protection.
These protective coatings prevent damage to the junction
and the anode air-bridge during handling and assembly.
Applications
These packageless devices are suitable for moderate
incident power applications, ≤ 10W/C.W. or where the
peak power is ≤ 52W, pulse width is ≤ 1μS, and duty cycle
is ≤ 0.01%. Their low parasitic inductance, 0.4 nH, and
excellent RC constant
, make these devices a superior
choice for higher frequency switch elements when
compared to their plastic package counterparts.
INCHES
MM
MIN
MAX
MIN
MAX
A
0.040
0.042
1.025
1.075
B
0.021
0.023
0.525
0.575
C
0.004
0.008
0.102
0.203
D
0.013
0.015
0.325
0.375
E
0.011
0.013
0.275
0.325
F
0.013
0.015
0.325
0.375
G
0.019
0.021
0.475
0.525
DIM
Parameter
Absolute Maximum
MADP-042…-13060
308
408
508
908
C.W. Incident Power dBm
+42
+44
+43
+39
Forward Current
250 mA
Reverse Voltage
-100 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
Mounting Temperature
+280°C for 10 seconds
Absolute Maximum Ratings
1@ T
AMB = +25°C
(unless otherwise specified)
1. Exceeding these limits may cause permanent damage.
G
D
E
F
Notes:
1. Backside metal: 0.1 μM thick.
2. Yellow hatched areas indicate backside ohmic gold contacts.
3. All devices have the same outline dimensions ( A to G).


Similar Part No. - MADP-042908-13060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042908-13060G MA-COM-MADP-042908-13060G Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042908-13060P MA-COM-MADP-042908-13060P Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042908-13060T MA-COM-MADP-042908-13060T Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
More results

Similar Description - MADP-042908-13060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
   SURMOUNTTM 8M PIN Diodes
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
   SURMOUNTTM PIN Diodes
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
   SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X_V7 MA-COM-MA4SPS42X_V7 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com