Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-007098-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-007098-000100
Description  Linear Driver for PIN Diode Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-007098-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADR-007098-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Linear Driver for
PIN Diode Attenuators
Rev. V2
MADR-007098-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Figure 1. Linear Attenuator Schematic
MADR-007098-000100 Driver with MAAV-007090-000100 VVA
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
3
6
9
12
15
18
21
24
27
30
Attenuation (dB)
Frequency: 1960 M Hz
Vco nt: 0 to 4.0V
Figure 2. Typical Attenuation Error
MADR-007098
-000100
IN
REF
3
R2
680
R3
(PTCT)
330
R1
39K
Vcontrol
(0 to 4V)
5
4
VOLTAGE
VARIABLE
ATTENNUATOR
12
+Vcc
R4
360
C1
.01 µF
14
7
2
10
1,3,4
5,6,8
9,11,12
16,14,13
NOTES:
a. Transfer function is 7.5 dB/V
b. Vcontrol is 0V to 4.0V
c. +Vcc is 5.0V ± 5%
d. R3 is a positive temperature coefficient thermistor.
e. Attenuator is MAAV-007089-000100 or MAAV-007090-000100
RFin
RFoutput


Similar Part No. - MADR-007098-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007098-000100 MACOM-MADR-007098-000100 Datasheet
178Kb / 3P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
621Kb / 5P
   Linear Driver for PIN Diode Attenuators
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
   Linear Driver
More results

Similar Description - MADR-007098-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002_1 Datasheet
151Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002 Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098 MA-COM-MADR-007098 Datasheet
621Kb / 5P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
MADR-007098-000100 MACOM-MADR-007098-000100 Datasheet
178Kb / 3P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
DR65-0002 MA-COM-DR65-0002 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
logo
Anaren Microwave
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com