Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-042408-13060G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042408-13060G
Description  SURMOUNTTM 8關M PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042408-13060G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADP-042408-13060G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042408-13060G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SURMOUNTTM 8µM PIN Diodes
RoHS Compliant
M/A-COM Products
Rev. V1
MADP-042XX8-13060 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Handling Procedures
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin oils. The
use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components. Bulk handling should
insure that abrasion and mechanical shock are minimized.
Bonding Techniques
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are conveniently
located on the bottom surface of these devices and are removed from the active junction locations. These devices are well
suited for solder attachment onto hard and soft substrates. The use of 80Au/20Sn, or RoHS compliant solders is
recommended. For applications where the average power is ~1W, conductive silver epoxy may also be used. Cure per
manufacturers recommended time and temperature. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. A vacuum tip pick-up tool and a force of
60 to100 grams applied to the top surface of the device is recommended. When soldering to soft substrates, such as Duroid, it
is recommended to use a soft solder at the circuit board to mounting pad interface. Position the die so that its mounting pads
are aligned with the circuit board mounting pads. While applying a downward force perpendicular to the top surface of the die,
apply heat near the circuit trace and diode mounting pad. The solder connection to the two pads should not be made one at a
time as this will create unequal heat flow and thermal stress to the part. Solder reflow should not be performed by causing heat
to flow through the top surface of the die to the back. Since the HMIC glass is transparent, the edges of the mounting pads
can be visually inspected through the die after attachment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS compliant solders is provided in Application Note M538 , “Surface Mounting
Instructions“ and can viewed on the MA-COM website @ www.macom.com
Ordering Information
The MADP-042XX8-13060 series of surmounts may be ordered in either gel packs or tape and reeled by adding the
appropriate suffix per the table below. Tape and reel dimensions are provided in Application Note M513 located on the
M/A-COM website @ www.macom.com
.
Part Number
Gel Pack
Tape and Reel (Surf Tape)
MADP-042308-13060G
MADP-042308-13060T
MADP-042308-13060P
MADP-042408-13060G
MADP-042408-13060T
MADP-042408-13060P
MADP-042508-13060G
MADP-042508-13060T
MADP-042508-13060P
MADP-042908-13060G
MADP-042908-13060T
MADP-042908-13060P
Tape and Reel (Pocket Tape)


Similar Part No. - MADP-042408-13060G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042408-13060G MA-COM-MADP-042408-13060G Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
More results

Similar Description - MADP-042408-13060G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
   SURMOUNTTM 8M PIN Diodes
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
   SURMOUNTTM PIN Diodes
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
   SURMOUNTTM PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
   SURMOUNTTM PIN Diodes
MA4SPS42X_V7 MA-COM-MA4SPS42X_V7 Datasheet
208Kb / 7P
   SURMOUNTTM PIN Diodes
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
   SURMOUNT 8關M PIN Diodes
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
   SURMOUNT??15關M PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com