Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-007131-0001TR Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-007131-0001TR
Description  Dual Linear Driver for Vector Modulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-007131-0001TR Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MADR-007131-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-007131-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Dual Linear Driver for Vector Modulators
Rev. V2
MADR-007131-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Figure 3A - Phase and Attenuation of MAIA-007150-000100,
Vector Modulator Linearized with MADR-007131-000100 Linearizer
3,4,5,6
Figure 3B
bias 1 = 0V
bias 2 = 0V
bias 1 = 0V
bias 2 = +5V
(y)
90°
(x)
45°
bias 1 = +5V
bias 2 = +5V
bias 1 = +5V
bias 2 = 0V
Reflection
coefficient = 0.5
Loss = 22 dB
Loss = 17 dB
Loss = 12 dB
bias 1 = 0.0V
0.5V
1.0V
1.5V
2.0V
2.5V
3.0V
3.5V
bias 1 = 5.0V
bias 2 = 0.0V
0.5V
bias 2 = 5.0V
3.5V
3.0V
2.5V
2.0V
1.5V
1.0V
(y)
90°
(x)
45°
3. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V. Reflection coefficients vary from -0.5 to +0.5 on both the x and y axes.
4. Data is for vector modulators driven by linearizers per attached schematic.
5. Inputs to the linearizers vary from 0 to 5V.
6. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees.


Similar Part No. - MADR-007131-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007131-0001TR MACOM-MADR-007131-0001TR Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADR-007131-0001TR MA-COM-MADR-007131-0001TR Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - MADR-007131-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MADRCC0002 MACOM-MADRCC0002 Datasheet
340Kb / 5P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002_15 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
logo
Merrimac Industries, In...
VMP-2R-10B MERRIMAC-VMP-2R-10B Datasheet
84Kb / 1P
   VECTOR I&Q MODULATORS
VMP-2S-1.5B MERRIMAC-VMP-2S-1.5B Datasheet
94Kb / 1P
   VECTOR I&Q MODULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com