Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-009190-000DIE Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-009190-000DIE
Description  Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-009190-000DIE Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MADR-009190-000DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADR-009190-000DIE Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Quad Driver for GaAs FET or PIN Diode
Switches and Attenuators
Rev. V1
MADR-009190-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
15
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
-0.5
7.0
V
VEE
Negative DC Supply Voltage
-11.0
0.5
V
VOPT
Optional DC Output Supply Voltage
-0.5
VCC +0.5
V
VOPT - VEE
Output to Negative Supply Voltage Range
-0.5
18.0
V
VCC - VEE
Positive to Negative Supply Voltage Range
-0.5
18.0
V
VIN
DC Input Voltage
-0.5
Note 17
VCC +0.5
V
IIN
DC Input Current
-25
25
mA
VO
DC Output Voltage
VEE – 0.5
VOPT + 0.5
V
PD
18
Power Dissipation in Still Air
500
mW
TOPER
Operating Temperature
-55
125
°C
ICC
Positive DC Supply Current (-0.5V ≤ VIN ≤ 0.8V;
2.0V ≤ VIN ≤ VCC + 0.5V; VCC - VIN ≤ 7.0V )
20
mA
IEE
Negative DC Supply Current (per Output) 16
-50
mA
ESD
ESD Sensitivity
2.0
kV
IOPT
Optional DC Output Supply Current (per Output) 16
50
V
TSTG
Storage Temperature
-65
150
°C
15. All voltages are referenced to GND. All inputs and outputs incorporate latch-up protection structures.
16. The maximum IEE and IOPT are specified under the condition of VCC = 5.5V, VEE = -5.5V, VOPT = 5.5V, and
the total power dissipation is within 500 mW in still air.
17. If VCC ≥ 6.5V, then the minimum for VIN is VCC - 7.0V.
18. Derate -7 mW/°C from 65°C to 85°C.


Similar Part No. - MADR-009190-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
203Kb / 8P
   Quad Driver for GaAs FET or PIN Diode
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000DIE MA-COM-MADR-009190-000DIE Datasheet
772Kb / 10P
   High Voltage CMOS Technology
More results

Similar Description - MADR-009190-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190 MA-COM-MADR-009190_15 Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269 MA-COM-MADR-009269 Datasheet
741Kb / 9P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com