Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW5DA5111A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW5DA5111A
Description  5mm Round Pure White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5DA5111A Datasheet(HTML) 1 Page - OptoSupply International

  OSW5DA5111A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d Pure White L
LE
ED
D
OSW5DA5111A
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
5.0
0.5+0.1
2.54
Unit:mm
Tolerance:+0.3mm
1
2
1:Anode
2:Cathode
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
31500
-
mcd
x
IF=20mA
-
0.27
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.28
-
50% Power Angle
1/2
IF=20mA
-
15
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW5DA5111A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DA5201A OPTOSUPPLY-OSW5DA5201A Datasheet
97Kb / 1P
   5mm Bullet Pure White LED
OSW5DA5471D OPTOSUPPLY-OSW5DA5471D Datasheet
97Kb / 1P
   5.0x4.1mm Oval Pure White LED
OSW5DA56A1A OPTOSUPPLY-OSW5DA56A1A Datasheet
101Kb / 1P
   4.8mm Straw Pure White LED
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
OSW5DA5J71D OPTOSUPPLY-OSW5DA5J71D Datasheet
101Kb / 1P
   5.2x3.8mm Oval Pure White LED
More results

Similar Description - OSW5DA5111A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DK5111A OPTOSUPPLY-OSW5DK5111A Datasheet
105Kb / 1P
   5mm Round Pure White LED
OSW5DL5111A OPTOSUPPLY-OSW5DL5111A Datasheet
99Kb / 1P
   5mm Round Pure White LED
OS4WFL5A31A OPTOSUPPLY-OS4WFL5A31A Datasheet
108Kb / 2P
   5mm Round Pure White LED
OSW5735141R OPTOSUPPLY-OSW5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Pure White LED
OSW57L5111P OPTOSUPPLY-OSW57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Pure White LED
OSW5DL5201A OPTOSUPPLY-OSW5DL5201A Datasheet
97Kb / 1P
   5mm Bullet Pure White LED
OSW5DA5MC1B OPTOSUPPLY-OSW5DA5MC1B Datasheet
98Kb / 1P
   5mm Concave Pure White LED
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
OSW5DK57E1A OPTOSUPPLY-OSW5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Pure White LED
OSW5DL57E1A OPTOSUPPLY-OSW5DL57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com