Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA88 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA88
Description  High Voltage Power Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA88 Datasheet(HTML) 3 Page - Cirrus Logic

  PA88 Datasheet HTML 1Page - Cirrus Logic PA88 Datasheet HTML 2Page - Cirrus Logic PA88 Datasheet HTML 3Page - Cirrus Logic PA88 Datasheet HTML 4Page - Cirrus Logic PA88 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA88 • PA88A
PA88U
3
0
25
50
75
100 125
150
TEMPERATURE, T (°C)
0
2.5
7.5
10
POWER DERATING
1
100 1K
1M
FREQUENCY, F (Hz)
–210
–180
–60
0
PHASE RESPONSE
10
100
10K
1M
FREQUENCY, F (Hz)
1
10M
FREQUENCY, F (Hz)
–20
0
60
120
SMALL SIGNAL RESPONSE
20
40
80
100
1K
2K
100K
FREQUENCY, F (Hz)
25
125
500
75
250
1
10
1M
FREQUENCY, F (Hz)
20
80
COMMON MODE REJECTION
40
60
100
1
1M
FREQUENCY, F (Hz)
20
40
140
POWER SUPPLY REJECTION
60
100
3
10
20
100
CURRENT LIMIT RESISTOR, R
CL (Ω)
10
30
200
CURRENT LIMIT
50
70
0
50
COMPENSATION CAPACITOR, C
C (pF)
1
SLEW RATE
2
50
70
10
30
3
FREQUENCY, F (Hz)
.001
HARMONIC DISTORTION
1
10
30K
30
300
3K
0
100
300
TOTAL SUPPLY VOLTAGE, V
S (V)
1.0
2.0
QUIESCENT CURRENT
1.75
1K
10K
5
50
20
INPUT NOISE
1K
2
7
10
20
3
5
15
10
10K .1M
–120
5
15
POWER RESPONSE
5K
10
100
1K
10K .1M
80
200
1.25
1.5
.0001
100 1K 10K .1M 1M
–150
–90
450
2.25
2.5
50
20
20
60
.01
.1
120
120
12.5
T
C =
125°C
T
C =
25°C
T
C =
-55°C
10
–30
10K 20K
50K
R
L = 2KΩ
P
O = 2.5W
A
V = 30
100
.1M
C
C = 15pF
C
C = 33pF
C
C = 68pF
C
C = 3.3pF
10M
C
C = 33pF
C
C = 3.3pF
C
C = 68pF
C
C = 3.3pF
C
C = 68pF
C
C = 33pF
120
100
150
3K
100
40
3
5
10
30
T = T
C
T = T
A
OUTPUT VOLTAGE SWING
2
4
6
8
10
12
14
16
18
20
20
40
60
80
100
OUTPUT CURRENT, I
O (mA)
T
C=-55°C
T
C=125°C
T
C=85°C
Negative
Positive
T
C=25°C


Similar Part No. - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA88 APEX-PA88 Datasheet
262Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Fuji Electric
PA886C02 FUJI-PA886C02 Datasheet
78Kb / 4P
   SCHOTTKY BARRIER DIODE
PA886C02R FUJI-PA886C02R Datasheet
533Kb / 6P
   Schottky Barrier Diode
logo
Cirrus Logic
PA88A APEX-PA88A Datasheet
262Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com