Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA92 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA92
Description  High Voltage Power Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA92 Datasheet(HTML) 2 Page - Cirrus Logic

  PA92_09 Datasheet HTML 1Page - Cirrus Logic PA92_09 Datasheet HTML 2Page - Cirrus Logic PA92_09 Datasheet HTML 3Page - Cirrus Logic PA92_09 Datasheet HTML 4Page - Cirrus Logic PA92_09 Datasheet HTML 5Page - Cirrus Logic PA92_09 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA92
2
PA92U
CAUTION ThePA92isconstructedfromMOSFETtransistors.ESDhandlingproceduresmustbeobserved.
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
Parameter
Test Conditions
Min
Typ
Max
Units
INPUT
OFFSETVOLTAGE,initial
2
10
mV
OFFSETVOLTAGEvs.temperature
Fulltemperaturerange
15
50
µV/°C
OFFSETVOLTAGEvs.supply
10
25
µV/V
OFFSETVOLTAGEvs.time
75
µV/kh
BIASCURRENT,initial
200
2000
pA
BIASCURRENTvs.supply
4
pA/V
OFFSETCURRENT,initial
50
500
pA
INPUTIMPEDANCE,DC
1011
INPUT CAPACITANCE
4
pF
COMMONMODEVOLTAGERANGE
(Note 3)
±V
SŦ15
V
COMMONMODEREJECTION,DC
V
CM = ±90V
80
98
dB
NOISE
100KHzbandwidth,
R
S=1KΩ,CC=10pF
1
µVRMS
GAIN
OPENLOOP@15Hz
R
L=2KΩ,CC=10pF
94
111
dB
GAINBANDWIDTHPRODUCT@1MHz
R
L=2KΩ,CC=10pF
18
MHz
POWERBANDWIDTH
R
L=2KΩ,CC=10pF
30
kHz
PHASEMARGIN
Fulltemperaturerange
60
°
OUTPUT
VOLTAGE SWING
(Note 3)
I
O = 4A
±V
SŦ12
±V
SŦ10
V
CURRENT, continuous
4
A
SLEW RATE, A
V = 100
C
C=10pF
50
V/µS
CHARACTERISTICS AND SPECIFICATIONS
AbSOLUTE MAxIMUM RATINGS
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
400
V
OUTPUT CURRENT, source, sink, peak,withinSOA
7
A
POWERDISSIPATION,continuous @ T
C = 25°C
80
W
INPUTVOLTAGE,differential
-20
20
V
INPUTVOLTAGE,commonmode
-V
S
V
S
V
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note2)
150
°C
TEMPERATURERANGE,storage
−40
85
°C
OPERATINGTEMPERATURERANGE,case
−25
85
°C
SPECIFICATIONS


Similar Part No. - PA92_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA92A ETC2-PA92A Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA92U ETC2-PA92U Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA92 CIRRUS-PA92_10 Datasheet
658Kb / 6P
   High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
More results

Similar Description - PA92_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
logo
Cirrus Logic
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
   High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
   High Voltage Power Operational Amplifiers
PA94 APEX-PA94 Datasheet
224Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
   High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
   High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
   High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91_10 Datasheet
677Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com