Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW5DL8131A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW5DL8131A
Description  8mm Round Pure White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5DL8131A Datasheet(HTML) 1 Page - OptoSupply International

  OSW5DL8131A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
8
8m
mm
m R
Ro
ou
un
nd
d Pure White L
LE
ED
D
OSW5DL8131A
Features
Outline Dimension
High Luminous LEDs
8mm Round Standard Directivity
Long Lifetime Operation (Up to 100,000 hours)
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
8.0
2.54
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
1 2
7.8
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
18000
-
mcd
x
IF=20mA
-
0.27
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.28
-
50% Power Angle
1/2
IF=20mA
-
30
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW5DL8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DL3111P OPTOSUPPLY-OSW5DL3111P Datasheet
97Kb / 1P
   Deluxe Power 3mm Round Pure White LED
OSW5DL3131A OPTOSUPPLY-OSW5DL3131A Datasheet
99Kb / 1P
   3mm Round Pure White LED
OSW5DL4131A OPTOSUPPLY-OSW5DL4131A Datasheet
99Kb / 1P
   4mm Round Pure White LED
OSW5DL43A1D OPTOSUPPLY-OSW5DL43A1D Datasheet
98Kb / 1P
   3.9x3.1mm Oval Pure White LED
OSW5DL4571D OPTOSUPPLY-OSW5DL4571D Datasheet
100Kb / 1P
   4.7x5.7mm Oval Pure White LED
More results

Similar Description - OSW5DL8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DK8131A OPTOSUPPLY-OSW5DK8131A Datasheet
102Kb / 1P
   8mm Round Pure White LED
OSW5DA8131A OPTOSUPPLY-OSW5DA8131A Datasheet
96Kb / 1P
   8mm Round Pure White LED
OSW5DK87A1A OPTOSUPPLY-OSW5DK87A1A Datasheet
137Kb / 1P
   8mm Straw Pure White LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
   Tpower 8mm Pure White LED
OSG5DA8131A OPTOSUPPLY-OSG5DA8131A_09 Datasheet
102Kb / 1P
   8mm Round Pure Green LED
OSW5DK83C1A OPTOSUPPLY-OSW5DK83C1A Datasheet
107Kb / 1P
   8mm Concave Pure White LED
OSG5DA8131A OPTOSUPPLY-OSG5DA8131A Datasheet
96Kb / 1P
   8mm Round Pure Green LED
OSW5DK82E1A OPTOSUPPLY-OSW5DK82E1A Datasheet
137Kb / 1P
   8mm Flat Pure White LED
OSW5XL8A61R OPTOSUPPLY-OSW5XL8A61R Datasheet
99Kb / 1P
   Tpower 8mm Pure White LED
OSM5DL8131A OPTOSUPPLY-OSM5DL8131A Datasheet
96Kb / 1P
   8mm Round Warm White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com