Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSY5CAZ2C1D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5CAZ2C1D
Description  Super Flux Commercial Yellow LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5CAZ2C1D Datasheet(HTML) 1 Page - OptoSupply International

  OSY5CAZ2C1D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x C
Co
om
mm
me
er
rc
ciia
all Y
Ye
ellllo
ow
w
L
LE
ED
D
OSY5CAZ2C1D
Features
Outline Dimension
High Luminous Super Flux Output
5 ø Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic signal, Portable light source
Signage and channel letter
Decorating and entertainment lighting
Architectural lighting
Outdoor/Indoor applications/Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Cathode
2,3 Anode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
70
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
168
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward DC Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.4
V
DC Reverse Current
IR
VR=10V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
-
1700
-
mcd
50% Power Angle
1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=300°C/W
Rth(J-a)=250°C/W
Rth(J-a)=200°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
20
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
80
60


Similar Part No. - OSY5CAZ2C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5CAZ2C1P OPTOSUPPLY-OSY5CAZ2C1P Datasheet
102Kb / 1P
   Super Flux Commercial Yellow LED
More results

Similar Description - OSY5CAZ2C1D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5CAZ2C1P OPTOSUPPLY-OSY5CAZ2C1P Datasheet
102Kb / 1P
   Super Flux Commercial Yellow LED
OSY5CAZ4E1D OPTOSUPPLY-OSY5CAZ4E1D Datasheet
97Kb / 1P
   Super Flux Commercial Yellow LED
OS5YKAZJC1P OPTOSUPPLY-OS5YKAZJC1P Datasheet
78Kb / 1P
   Super Flux Commercial Yellow LED
OSY5CAZ161P OPTOSUPPLY-OSY5CAZ161P Datasheet
160Kb / 2P
   Deluxe Power Super Flux Commercial Yellow LED
OSY5CAZ161P OPTOSUPPLY-OSY5CAZ161P_12 Datasheet
114Kb / 1P
   Deluxe Power Super Flux Commercial Yellow LED
OSY5SAZ2C1D OPTOSUPPLY-OSY5SAZ2C1D Datasheet
102Kb / 1P
   Super Flux Super Yellow LED
OSY5SAZ161D OPTOSUPPLY-OSY5SAZ161D Datasheet
106Kb / 1P
   Super Flux Super Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OSY5SAZ3K1D OPTOSUPPLY-OSY5SAZ3K1D Datasheet
98Kb / 1P
   Super Flux Super Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com