Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE3025BS Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE3025BS
Description  Precision Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE3025BS Datasheet(HTML) 2 Page - Cirrus Logic

  VRE3025BS Datasheet HTML 1Page - Cirrus Logic VRE3025BS Datasheet HTML 2Page - Cirrus Logic VRE3025BS Datasheet HTML 3Page - Cirrus Logic VRE3025BS Datasheet HTML 4Page - Cirrus Logic VRE3025BS Datasheet HTML 5Page - Cirrus Logic VRE3025BS Datasheet HTML 6Page - Cirrus Logic VRE3025BS Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE3025
2
VRE3025DS
1. ChaRaCTERISTICS aND SPECIFICaTIONS
aBSOluTE MaXIMuM RaTINGS
Parameter
Symbol
Conditions
Min
Typ
Max
units
Input Voltage
V
IN
+8
+36
V
Output Voltage (Note 1)
V
OUT
VRE3025A/J
+2.4998
+2.500
+2.5003
V
VRE3025B
+2.4996
+2.500
+2.5004
VRE3025C/L
+2.4995
+2.500
+2.5005
Output Voltage
Temperature Coefficient
(Note 2)
TCV
OUT
VRE3025A/J
0.3
0.6
ppm/ºC
VRE3025B
0.5
1.0
VRE3025C/L
1.0
2.0
Trim Adjustment Range
∆V
OUT
Figure 3
±2.5
mV
Turn-On Settling Time
T
ON
To 0.01% of final value
2
µs
Output Noise Voltage
e
n
0.1Hz < f < 10Hz
1.5
µVp-p
10Hz < f < 1kHz
1.5
3.0
µV
RMS
Temperature Hysterisis
Note 4
1
ppm
Long Term Stability
∆V
OUT/t
6
ppm/1000hrs.
Supply Current
I
IN
3.5
4.0
mA
Load Regualtion
∆V
OUT/ ∆IOUT
Sourcing: 0mA ≤ I
OUT ≤ 15mA
8
12
ppm/mA
Sinking: -15mA ≤ I
OUT ≤ 0mA
8
12
Line Regulation
∆V
OUT/ ∆VIN
8V ≤ V
IN ≤ 10V
25
35
ppm/V
10V ≤ V
IN ≤ 18V
5
10
NOTES:
1. The specified values are without external trim.
2. The temperature coefficient is determined by the box method. See discussion on temperature perfor-
mance.
3. Line and load regulation are measured with pulses and do not include voltage changes due to tem-
perature.
4. Hysterisis over the operating temperature range.
Power Supply ........................... -0.3V to +40V
OUT, TRIM................................ -0.3V to +12V
NR .............................................. -0.3V to +6V
Operating Temp. (A,B,C) ........... 0ºC to +70ºC
Operating Temp. (J,L)............. -40ºC to +85ºC
Out Short Circuit to GND Duration (V
IN< 12V) ........... Continuous
Out Short Circuit to GND Duration (V
IN< 40V) .....................5 sec
Out Short Circuit to IN Duration (V
IN< 12V) ............... Continuous
Continuous Power Dissipation (T
A = +70ºC).................... 300mW
Storage Temperature......................................... -65ºC to +150ºC
Lead Temperature (soldering,10 sec).............................. +250ºC
ElECTRICal SPECIFICaTIONS
V
PS =±15V, T = +25ºC, RL = 10KΩ Unless Otherwise Noted.


Similar Part No. - VRE3025BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3025B ETC1-VRE3025B Datasheet
199Kb / 8P
   Low Cost Precision Reference
More results

Similar Description - VRE3025BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com