Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N7751A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # N7751A
Description  Optical Attenuator and Power Meter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N7751A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  N7751A Datasheet HTML 1Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 2Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N7751A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
General Characteristics
Dimensions (H x W x D):
1U half-rack
372 mm x 212 mm x 43 mm (exclud-
ing front and back rubber cushions)
Weight:
Approx. 3 kg
Recommended recalibration period
24 month
Operating temperature
+5 °C to +40 °C
Operating humidity
15% to 95%, non-condensing
Altitude
The maximum operating altitude is
2000 m.
Pollution protection
The Agilent N775xA/6xA is designed
for pollution degree 2.
Warm-up time
20 minutes
Interfaces
The instruments can be controlled via
LAN, USB or GPIB interfaces
Power consumption
Line power: AC 100 - 240 V ± 0%,
50/60 Hz, 60 VA max.
Ordering Information
All systems have 1 year warranty
Model number
N7751A
Optical Attenuator (1 Channel) with
Optical Power Meter (2 Channels)
N7752A
Optical Attenuator (2 Channels) with
Optical Power Meter (2 Channels)
N7761A
Optical Attenuator (1 Channel)
N7762A
Optical Attenuator (2 Channels)
N7764A
Optical Attenuator (4 Channels)
Connector interface option
-021
Straight contact connector
-022
Angled contact connector
Accessories
N7744-100
Rack Mount Kit for 1 or 2 Units
Warranty
All systems have 1 year warranty
R-51B-001-3C
1 year Return-to-Agilent warranty extended to 3 years
R-51B-001-5C
1 year Return-to-Agilent warranty extended to 5 years
Calibration
R-50C-011-3
Agilent calibration upfront support plan 3 year coverage
R-50C-011-5
Agilent calibration upfront support plan 5 year coverage


Similar Part No. - N7751A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N7781B HP-N7781B Datasheet
210Kb / 4P
   Polarization Analyzer
N7782B HP-N7782B Datasheet
116Kb / 6P
   PER Analyzer
N7784B HP-N7784B Datasheet
118Kb / 4P
   High Speed Polarization Controller
N7785B HP-N7785B Datasheet
116Kb / 4P
   Synchronous Scrambler
N7786B HP-N7786B Datasheet
114Kb / 4P
   Polarization Synthesizer
More results

Similar Description - N7751A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3664 ASM-SENSOR-3664 Datasheet
1Mb / 4P
   OPTICAL POWER METER
3661-20 ASM-SENSOR-3661-20 Datasheet
1Mb / 4P
   OPTICAL POWER METER
logo
Extech Instruments Corp...
FO600 EXTECH-FO600 Datasheet
2Mb / 57P
   FiberMeter Optical Power Meter
logo
Analog Devices
HMC7810A AD-HMC7810A Datasheet
1Mb / 14P
   Optical Modulator Driver with Internal Attenuator and Power Detector
Rev. A
logo
Keysight Technologies
N8262A KEYSIGHT-N8262A Datasheet
1Mb / 14P
   Modular Power Meter and Power Sensors
logo
OPLINK Communications I...
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
Schneider Electric
METSEION7400 SCHNEIDER-METSEION7400 Datasheet
158Kb / 4P
   PowerLogic ION7400 Panel mount meter - display - optical port and 2 pulse
logo
STMicroelectronics
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
   Meets STCOMET smart meter and power
April 2016 Rev 1
logo
DAICO Industries, Inc.
DX0907 DAICO-DX0907 Datasheet
139Kb / 1P
   Attenuator and Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com