Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C006AEVB-06 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB39C006AEVB-06
Description  1 ch DC/DC Converter IC Built-in Switching FET & POWERGOOD function, PFM/PWM Synchronous Rectification, and Down Conversion Support
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39C006AEVB-06 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB39C006AEVB-06 Datasheet HTML 2Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 3Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 4Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 5Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 6Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 7Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 8Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 9Page - Fujitsu Component Limited. MB39C006AEVB-06 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MB39C006A
6
DS04-27245-2E
■ FUNCTION OF EACH BLOCK
• PFM/PWM Logic control circuit
In normal operation, frequency (2.0 MHz/3.2 MHz) which is set by the built-in oscillator (square wave oscillation
circuit) controls the built-in P-ch MOS FET and N-ch MOS FET for the synchronous rectification operation. In
the light load mode, the intermittent (PFM) operation is executed.
This circuit protects against pass-through current caused by synchronous rectification and against reverse
current caused in a non-successive operation mode.
• IOUT comparator circuit
This circuit detects the current (ILX) which flows to the external inductor from the built-in P-ch MOS FET.
By comparing VIDET obtained through I-V conversion of peak current IPK of ILX with the Error Amp output, the built-
in P-ch MOS FET is turned off via the PFM/PWM Logic Control circuit.
• Error Amp phase compensation circuit
This circuit compares the output voltage to reference voltages such as VREF. The MB39C006A has a built-in
phase compensation circuit that is designed to optimize the operation of the MB39C006A. This needs neither
to be considered nor addition of a phase compensation circuit and an external phase compensation device.
• VREF circuit
A high accuracy reference voltage is generated with BGR (bandgap reference) circuit. The output voltage is
1.20 V (Typ).
• POWERGOOD circuit
The POWERGOOD circuit monitors the voltage at the OUT pin. The POWERGOOD pin is open drain output.
Use the pin with pull-up using the external resistor in the normal operation.
When the CTL is at the H level, the POWERGOOD pin becomes the H level. However, if the output voltage drops
because of over current and etc, the POWERGOOD pin becomes the L level.
Timing chart example : (POWERGOOD pin pulled up to VIN)
VIN
CTL
tDLYPG or less
tDLYPG
tDLYPG
VOUT
POWERGOOD
VUVLO
VOUT
×97
%
VUVLO : UVLO threshold voltage
tDLYPG : POWERGOOD delay time
(pull up to VIN)


Similar Part No. - MB39C006AEVB-06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006APN CYPRESS-MB39C006APN Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results

Similar Description - MB39C006AEVB-06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39C007 FUJITSU-MB39C007 Datasheet
860Kb / 52P
   2 ch DC/DC Converter IC Built-in Switching FET & voltage detection function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A214APFT-G-JNERE1 FUJITSU-MB39A214APFT-G-JNERE1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Rohm
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com