Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510IOE Datasheet(PDF) 3 Page - Microchip Technology

Part # TC510IOE
Description  Precision Analog Front Ends with Dual Slope ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IOE Datasheet(HTML) 3 Page - Microchip Technology

  TC510IOE Datasheet HTML 1Page - Microchip Technology TC510IOE Datasheet HTML 2Page - Microchip Technology TC510IOE Datasheet HTML 3Page - Microchip Technology TC510IOE Datasheet HTML 4Page - Microchip Technology TC510IOE Datasheet HTML 5Page - Microchip Technology TC510IOE Datasheet HTML 6Page - Microchip Technology TC510IOE Datasheet HTML 7Page - Microchip Technology TC510IOE Datasheet HTML 8Page - Microchip Technology TC510IOE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 3
TC500/A/510/514
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
TC510/TC514 Positive Supply Voltage
(VDD to GND) .........................................+10.5V
TC500/TC500A Supply Voltage
(VDD to VSS) ..............................................+18V
TC500/TC500A Positive Supply Voltage
(VDD to GND) ............................................+12V
TC500/TC500A Negative Supply Voltage
(VSS to GND)................................................-8V
Analog Input Voltage (VIN+ or VIN-) ............VDD to VSS
Logic Input Voltage...............VDD +0.3V to GND - 0.3V
Voltage on OSC:
........................... -0.3V to (VDD +0.3V) for VDD < 5.5V
Ambient Operating Temperature Range:
................................................................ 0°C to +70°C
Storage Temperature Range:............. -65°C to +150°C
† Notice:
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Analog
Resolution
60
μ
V
Note 1
Zero-scale Error with
Auto-zero Phase
ZSE
0.005
0.005
0.012
% F.S. TC500/TC510/TC514
0.003
0.003
0.009
TC500A
End Point Linearity
ENL
0.005
0.015
0.015
0.060
% F.S.
TC500/TC510/TC514
0.010
0.010
0.045
% F.S.
Note 1
, Note 2,
TC500A
Best-Case Straight
Line Linearity
NL
0.003
0.008
% F.S. TC500/TC510/TC514,
Note 1
, Note 2
0.005
% F.S. TC500A
Zero-scale Temp.
Coefficient
ZSTC
——
1
2
μ
V/°C
Over Operating
Temperature Range
Full-scale Symmetry
Error (Rollover Error)
SYE
0.01
0.03
% F.S.
Note 1
Full-scale
Temperature
Coefficient
FSTC
10
ppm/°C Over Operating
Temperature Range;
External Reference
TC = 0 ppm/°C
Input Current
IIN
—6
pA
VIN = 0V
Common Mode
Voltage Range
VCMR
VSS + 1.5
VDD – 1.5 VSS + 1.5
VDD – 1.5
V
Integrator Output
Swing
VSS + 0.9
VDD – 0.9 VSS + 0.9
VSS + 0.9
V
Analog Input Signal
Range
VSS + 1.5
VDD – 1.5 VSS + 1.5
VSS + 1.5
V
ACOM = GND = 0V
Note
1:
Integrate time
≥ 66 ms, auto-zero time ≥ 66 ms, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.


Similar Part No. - TC510IOE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC510IOE MICROCHIP-TC510IOE Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC510IOE713 MICROCHIP-TC510IOE713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
More results

Similar Description - TC510IOE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com