Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F335A Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F335A
Description  16-bit Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F335A Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F335A Datasheet HTML 6Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 9Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 10Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 11Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 12Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 13Page - Fujitsu Component Limited. MB90F335A Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
MB90330A Series
10
DS07-13734-7E
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
23
P62
C
General purpose input/output ports. (Withstand voltage of 5 V)
INT2
Function as an external interrupt ch.2 input pin.
SIN
Extended I/O serial interface data input pin.
24
P63
C
General purpose input/output port. (Withstand voltage of 5 V)
INT3
Function as an external interrupt ch.3 input pin.
SOT
Extended I/O serial interface data output pin.
25
P64
C
General purpose input/output port. (Withstand voltage of 5 V)
INT4
Function as an external interrupt ch.4 input pin.
SCK
Extended I/O serial interface clock input/output pin.
26
P65
C
General purpose input/output port. (Withstand voltage of 5 V)
INT5
Function as an external interrupt ch.5 input pin.
PWC
Function as the PWC input pin.
27
P66
C
General purpose input/output port. (Withstand voltage of 5 V)
INT6
Function as an external interrupt ch.6 input pin.
SCL0
Function as the ch.0 clock I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
28
P67
C
General purpose input/output port. (Withstand voltage of 5 V)
INT7
Function as an external interrupt ch.7 input pin.
SDA0
Function as the ch.0 data I/O pin for the I2C interface. Set port output to
High-Z during I2C interface operations.
39 to 46
P70 to P77
I
General purpose input/output port.
AN0 to AN7
Function as input pins for analog ch.0 to ch.7.
48 to 55
P80 to P87
I
General purpose input/output port.
AN8 to AN15
Function as input pins for analog ch.8 to ch.15.
29
P90
D
General purpose input/output port.
SIN2
Function as a data input pin for UART ch.2.
30
P91
D
General purpose input/output port.
SOT2
Function as a data output pin for UART ch.2.
31
P92
D
General purpose input/output port.
SCK2
Function as a clock I/O pin for UART ch.2.
32
P93
D
General purpose input/output port.
SIN3
Function as a data input pin for UART ch.3.
33
P94
D
General purpose input/output port.
SOT3
Function as a data output pin for UART ch.3.
34
P95
D
General purpose input/output port.
SCK3
Function as a clock I/O pin for UART ch.3.
35
P96
C
General purpose input/output port. (Withstand voltage of 5 V)
ADTG
Function as the external trigger input pin when the A/D converter is being used.
FRCK
Function as the external clock input pin when the free-run timer is being used.


Similar Part No. - MB90F335A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F335A FUJITSU-MB90F335A Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90F335APMC FUJITSU-MB90F335APMC Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90F335APMC1 FUJITSU-MB90F335APMC1 Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90F335A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com