Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F610A Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91F610A
Description  32-bit Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F610A Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91F610A Datasheet HTML 4Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 5Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 6Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 7Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 8Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 9Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 10Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 11Page - Fujitsu Component Limited. MB91F610A Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
MB91610 Series
8
DS07-16907-2E
■ PIN DESCRIPTION
The number after the underscore (“_”) in pin names such as XXX_1 and XXX_2 indicates the port number.
For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port
function register (EPFR) to select the pin.
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
1VCC
3.3 V power supply
2
P30
C
General-purpose I/O port
SOUT10
Multifunction serial ch.10 output [operation modes 0 to 2]
(SDA10)
I2C ch.10 serial data line [operation mode 4]
INT8
External interrupt 8 input
3
P31
C
General-purpose I/O port
SIN10
Multifunction serial ch.10 input
INT9
External interrupt 9 input
4
P32
C
General-purpose I/O port
SCK10
Multifunction serial ch.10 clock [operation modes 0 to 2]
(SCL10)
I2C ch.10 serial clock line [operation mode 4]
INT10
External interrupt 10 input
5
P33
C
General-purpose I/O port
INT11
External interrupt 11 input
6
P34
C
General-purpose I/O port
SOUT11
Multifunction serial ch.11 output [operation modes 0 to 2]
(SDA11)
I2C ch.11 serial data line [operation mode 4]
INT12
External interrupt 12 input
7
P35
C
General-purpose I/O port
SIN11
Multifunction serial ch.11 input
INT13
External interrupt 13 input
8
P36
C
General-purpose I/O port
SCK11
Multifunction serial ch.11 clock [operation modes 0 to 2]
(SCL11)
I2C ch.11 serial clock line [operation mode 4]
INT14
External interrupt 14 input
9
P37
C
General-purpose I/O port
INT15
External interrupt 15 input
10
P50
B
General-purpose I/O port
11
P51
B
General-purpose I/O port


Similar Part No. - MB91F610A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
MB91F627PMC FUJITSU-MB91F627PMC Datasheet
565Kb / 96P
   32-bit Microcontrollers
More results

Similar Description - MB91F610A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com