Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F627PMC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB91F627PMC
Description  32-bit Microcontrollers
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F627PMC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB91F627PMC Datasheet HTML 1Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 2Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 3Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 4Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 5Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 6Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 7Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 8Page - Fujitsu Component Limited. MB91F627PMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
MB91625 Series
DS07-16908-1E
3
• A/D converter
• 16 channels, 1 unit
• 10-bit resolution
• Conversion time : approx. 1.2 μs (PCLK = 33 MHz)
• Priority conversion (2 levels)
• Conversion modes : Single-shot conversion mode, scan conversion mode
• Activation sources : Software, external trigger, base timer
• Built-in FIFO for storing conversion data (for scan conversion:16, for priority conversion:4)
• D/A converter
• 2 channels
• 8-bit resolution
• Base timer
• 16 channels
• Operation mode is selectable from the followings for each channel
- 16/32-bit reload timer
- 16-bit PWM timer
- 16/32-bit PWC timer
- 16-bit PPG timer
• Cascading connection between 2 channels allows them to be used as one 32-bit timer
• Multiple channels can be started simultaneously
• Input/output select function
• 16-bit reload timer
• 3 channels (including 1 channel for REALOS)
• Interval timer function
• Count clock select function (peripheral clock (PCLK) divided by 2 to 64)
• Compare timer
• 32-bit input capture : 8 channels
• 32-bit output compare : 8 channels
• 32-bit free-run timer : 2 channels
• Other interval timers
• Up/down counter : 4 channels
• Watch counter : 1 channel
• Watchdog timer : 1 channel
• Main timer
• 1 channel
• Counts the oscillation stabilization wait time of the main clock (MCLK)
• Counts the oscillation stabilization wait time of the PLL clock (PLLCLK)
• Can be used as an interval timer while the main clock (MCLK) oscillations is stable
• Sub timer
• 1 channel
• Counts the oscillation stabilization wait time of the sub clock (SBCLK)
• Can be used as an interval timer while the sub clock (SBCLK) oscillations is stable
(Continued)


Similar Part No. - MB91F627PMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
MB91F610APMC FUJITSU-MB91F610APMC Datasheet
517Kb / 104P
   32-bit Microcontrollers
MB91F613 FUJITSU-MB91F613 Datasheet
517Kb / 104P
   32-bit Microcontrollers
More results

Similar Description - MB91F627PMC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com