Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT036A011M100FP Datasheet(PDF) 2 Page - Vicor Corporation

Part # MT036A011M100FP
Description  MIL-COTS MT036 SERIES VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MT036A011M100FP Datasheet(HTML) 2 Page - Vicor Corporation

  MT036A011M100FP Datasheet HTML 1Page - Vicor Corporation MT036A011M100FP Datasheet HTML 2Page - Vicor Corporation MT036A011M100FP Datasheet HTML 3Page - Vicor Corporation MT036A011M100FP Datasheet HTML 4Page - Vicor Corporation MT036A011M100FP Datasheet HTML 5Page - Vicor Corporation MT036A011M100FP Datasheet HTML 6Page - Vicor Corporation MT036A011M100FP Datasheet HTML 7Page - Vicor Corporation MT036A011M100FP Datasheet HTML 8Page - Vicor Corporation MT036A011M100FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Voltage Transformation Module
MT036 SERIES
vicorpower.com
Rev. 1.0
Page 2 of 11
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
26
36
50
Vdc
Operable down to zero V with VC voltage applied
Input dV/dt
1
V/µs
Input overvoltage turn-on
50.5
54.5
Vdc
Input overvoltage turn-off
55.5
57.5
Vdc
Input current
3.5
Adc
Continuous
No load power dissipation
1.5
3.0
6.0
W
Low line to high line
Input Specifications (Conditions are at 36 Vin, full load, and 25°C baseplate unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
See Table 1
Vdc
No load
KVIN –lOROUT NOM
Vdc
Full load
Rated DC current
0
100
Adc
26 – 50 VIN See Table 1, Page 5
Peak repetitive current
150%
IMAX(A)
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
DC current limit
160%
INOM(A)
Module will shut down when current limit
is reached or exceeded
Short circuit protection set point
47.4
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 8
Efficiency
See Table 2, Page 5
Load capacitance
See Table 2 when used with PRM
Output overvoltage setpoint
110%
115%
VOUT MAX
Output ripple voltage (Typ)
No external bypass
50
250
mV
See Figures 2 and 5
10 µF bypass capacitor
2
20
mV
See Figure 6
Effective switching frequency
2.5
3.0
3.6
MHz
Model dependent
Line regulation
0.99K
K
101K
VOUT = K•VIN at no load, See Table 1
Load regulation
ROUTMIN
ROUTMAX
See Table 1
Transient response
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specifications (Conditions are at 36 Vin, full load, and 25°C baseplate unless otherwise specified)
Product Grade Temperatures (°C)
Grade
Operating
Storage
M =
-55 to +100 -65 to +125
Baseplate
F = Slotted flange
T = Transverse heat sink[a]
[a] Contact factory
MT
036
A
120
M
010
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Current
Designator
(=IOUT)
PART NUMBERING
Voltage
Transformation
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole


Similar Part No. - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI_BRICK_MT036_VTM VICOR-VI_BRICK_MT036_VTM Datasheet
496Kb / 11P
   MIL-COTS MT036 SERIES VTMTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com