Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC048B120T022FP Datasheet(PDF) 3 Page - Vicor Corporation

Part # DC048B120T022FP
Description  48 V Input DC-DC Converter Modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B120T022FP Datasheet(HTML) 3 Page - Vicor Corporation

  DC048B120T022FP Datasheet HTML 1Page - Vicor Corporation DC048B120T022FP Datasheet HTML 2Page - Vicor Corporation DC048B120T022FP Datasheet HTML 3Page - Vicor Corporation DC048B120T022FP Datasheet HTML 4Page - Vicor Corporation DC048B120T022FP Datasheet HTML 5Page - Vicor Corporation DC048B120T022FP Datasheet HTML 6Page - Vicor Corporation DC048B120T022FP Datasheet HTML 7Page - Vicor Corporation DC048B120T022FP Datasheet HTML 8Page - Vicor Corporation DC048B120T022FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.1
Page 3 of 21
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
2%
Vout nom.
Nominal input; full load; 25°C
Line regulation
±0.5
±1
%
Low line to high line; full load, deviation from setpoint
Temperature regulation
±0.03
.05
% / °C
Over operating temperature range
[a]
For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.20
°C/Watt
Baseplate to sink; thermal pad
0.18
°C/Watt
Baseplate to ambient
6.5
°C/Watt
Baseplate to ambient; 1000 LFM
2.0
°C/Watt
Thermal capacity
47.7
Watt-sec/°C
MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.)
Output Specifications
[a]
Thermal Resistance and Capacity
Parameter
Min
Typ
Max
Unit
Notes
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –In
Module disable voltage
2.3
2.4
Vdc
Referenced to –In
Module enable voltage
2.5
2.6
Vdc
Referenced to –In
Disable hysteresis
100
mV
Current limit
1.75
1.90
mA
Disable delay time
1
µs
Control Specifications
0
1
2
3
4
5
6
7
8
0
200
400
600
800
1000
Air Velocity (LFM)
Figure 1 – Thermal impedance vs. airflow


Similar Part No. - DC048B120T022FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B120T022FP VICOR-DC048B120T022FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results

Similar Description - DC048B120T022FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com