Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR045A480T017FP Datasheet(PDF) 1 Page - Vicor Corporation

Part # PR045A480T017FP
Description  PRM??Regulator and VTM??Current Multiplier Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR045A480T017FP Datasheet(HTML) 1 Page - Vicor Corporation

  PR045A480T017FP Datasheet HTML 1Page - Vicor Corporation PR045A480T017FP Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VI Brick: PRMTM Regulator and VTMTM Current Multiplier Modules
vicorpower.com
Rev. 1.0
Page 1 of 2
VTM Model
Output Voltage (V)
Output Current
Efficiency %
Output Ripple (mVpk-pk)
Number
26 Vin
48 Vin
55 Vin
(A)
50% Load
100% Load
50% Load
100% Load
VT048A015T100FP
0.81
1.50
1.72
100
91.0
90.5
51
100
VT048A020T080FP
1.08
2.00
2.29
80
94.2
93.2
35
50
VT048A030T070FP
1.63
3.00
3.44
70
95.0
94.2
48
65
VT048A040T050FP
2.17
4.00
4.58
50
94.8
94.4
168
216
VT048A060T040FP
3.25
6.00
6.88
40
95.6
94.6
96
168
VT048A080T030FP
4.33
8.00
9.17
30
96.0
95.8
61
132
VT048A096T025FP
6.40[a]
9.60
11.00
25
96.2
96.2
107
176
VT048A120T025FP
6.50
12.00
13.75
25
95.1
95.6
92
141
VT048A160T015FP
8.67
16.00
18.33
15
96.0
95.7
108
153
VT048A240T012FP
14.00[b]
24.00
26.50[c]
12
95.7
95.9
102
176
VT048A320T009FP
17.33
32.00
36.67
9
96.5
96.2
184
158
VT048A480T006FP
26.00
48.00
55.00
6
96.7
96.4
112
176
PRM Model
Input Voltage Output Voltage Output Power
Regulation (%)
Efficiency (%)
Output Ripple
(mVpk-pk)
Number
(V)
(V)
(W)
Line
Load
50% Load
100% Load
100% Load
PR024A480T012FP
18 - 36
26 - 55
120
0.10
0.10
92.5
95.0
228
PR036A480T012FP
18 - 60
26 - 55
120
0.10
0.10
92.5
95.0
202
PR048A480T012FP
36 - 75
26 - 55
120
0.10
0.10
92.5
95.1
274
PR048A480T024FP
36 - 75
26 - 55
240
0.17
0.50
95.0
96.0
360
PR045A480T017FP
38 - 55
26 - 55
170
0.10
0.10
95.3
97.0
372
PR045A480T032FP
38 - 55
26 - 55
320
0.30
0.50
96.2
97.0
655
Features
100°C baseplate operation
Sine Amplitude Converter (VTM)
ZVS buck-boost regulator (PRM)
Regulation 1% (Adaptive Loop)
Small footprint: 1.64 and 2.08 in2
High efficiency up to 97%
Low profile 0.37” flanged model
Power density: Up to 416 W/in3
Flexible architecture
Low noise
Fast transient response
Lead free wave solder compatible
Agency approvals
PRMTM Regulator and VTMTM Current Multiplier Modules
Product Description
VI BRICK PRM and VTM modules provide the
technical advantages of Factorized Power
including high density and efficiency, low noise
operation, architectural flexibility, extremely
fast transient response, and elimination of
bulk capacitance at the point-of-load (POL).
Utilizing baseplate and integrated heat sink
packaging, the platform also provides
improved thermal management and
through-hole mounting capability in a
small, robust package.
L
O
A
D
Factorized
Bus (Vf)
Vo = VL ± 1.0%
(Io•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
PRM
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
Typical Application
Figure 1 — Typical application with Adaptive Loop control, the output of the VTM is regulated over the load current range with only a single interconnect between
the PRM and VTM and without the need for isolation in the feedback path.
Note: See individual data sheets for additional model specifications and configurations.
[a] Vout = 6.4 Vdc @ 32 Vin; [b] Vout = 14.0 Vdc @ 28 Vin; [c] Vout = 26.5 Vdc @ 53 Vin


Similar Part No. - PR045A480T017FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
More results

Similar Description - PR045A480T017FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
P024F048T12AL VICOR-P024F048T12AL_1 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com