Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIV0103MHJ Datasheet(PDF) 9 Page - Vicor Corporation

Part # VIV0103MHJ
Description  DC to DC Voltage Transformation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0103MHJ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button VIV0103MHJ Datasheet HTML 5Page - Vicor Corporation VIV0103MHJ Datasheet HTML 6Page - Vicor Corporation VIV0103MHJ Datasheet HTML 7Page - Vicor Corporation VIV0103MHJ Datasheet HTML 8Page - Vicor Corporation VIV0103MHJ Datasheet HTML 9Page - Vicor Corporation VIV0103MHJ Datasheet HTML 10Page - Vicor Corporation VIV0103MHJ Datasheet HTML 11Page - Vicor Corporation VIV0103MHJ Datasheet HTML 12Page - Vicor Corporation VIV0103MHJ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
VIV0103THJ
Rev. 1.3
9/2009
Page 9 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
2.1 MECHANICAL DRAWING
2.2 RECOMMENDED LAND PATTERN
mm
(inch)
Notes:
1. Maintain 3.50 (0.138) Dia. keep-out zone
free of copper, all PCB layers.
2. (A) minimum recommended pitch is 24.00 (0.945)
this provides 7.50 (0.295) component
edge–to–edge spacing, and 0.50 (0.020)
clearance between Vicor heat sinks.
(B) Minimum recommended pith is 25.50 (1.004).
This provides 9.00 (0.354) component
edge–to–edge spacing, and 2.00 (0.079)
clearence between Vicor heat sinks.
3. V•I Chip land pattern shown for reference
only, actual land pattern may differ.
Dimensions from edges of land pattern
to push–pin holes will be the same for
all half size V•I Chips.
4. RoHS complient per CST–0001 latest revision.
5. Unless otherwise specified:
Dimensions are mm (inches)
tolerances are:
x.x (x.xx) = ±0.13 (0.01)
x.xx (x.xxx) = ±0.13 (0.005)
6. Plated through holes for grounding clips (33855)
shown for reference, Heatsink orientation and
device pitch will dictate final grounding solution.
2.95±0.07
(0.116±0.003)
non-plated
thru hole
See note 1
ø
7.63
(0.300)
7.00
(0.276)
22.26
(
(0.876)
)
3.50
(
(0.138)
)
10.50
(
(0.413)
)
21.00
(0.827)
Dashed lines indicates
half VIC position
(NO GROUNDING CLIPS)
(WITH GROUNDING CLIPS)
2.76
(0.109)
24.00
(0.945)
See Note 2A
15.48
(
(0.609)
)
2.95±0.07
(0.116±0.003)
non-plated
thru hole
See note 1
ø
7.63
(0.300)
7.00
(0.276)
22.26
(
(0.876)
)
3.50
(
(0.138)
)
15.48
(
(0.609)
)
Dashed lines indicates
half VIC position
10.50
(
(0.413)
)
21.00
(0.827)
0.76
(0.030)
22.52
(0.887)
0.44
(0.017)
6.12
(0.241)
25.50
(1.004)
See note 2B
2.76
(0.109)
2.03
(0.080)
(2) Pl.
plated
thru hole
See note 6
ø
2.3 RECOMMENDED LAND PATTERN FOR PUSH PIN HEATSINK


Similar Part No. - VIV0103MHJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0103THJ VICOR-VIV0103THJ Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - VIV0103MHJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0104THJ VICOR-VIV0104THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0102THJ VICOR-VIV0102THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0105THJ VICOR-VIV0105THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0101THJ VICOR-VIV0101THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
logo
Powerbox
V048F120T025 POWERBOX-V048F120T025 Datasheet
1Mb / 1P
   300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Calogic, LLC
CLM7660 CALOGIC-CLM7660 Datasheet
110Kb / 8P
   DC-to-DC Voltage Converter
logo
Vicor Corporation
VIV0005TFJ VICOR-VIV0005TFJ Datasheet
1Mb / 18P
   DC to DC Voltage Transformer
VIV0007TFJ VICOR-VIV0007TFJ Datasheet
1Mb / 18P
   DC to DC Voltage Transformer
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
   High Voltage Input DC-to-DC Converter
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com