Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT036A072M017FP Datasheet(PDF) 9 Page - Vicor Corporation

Part # MT036A072M017FP
Description  MIL-COTS MT036 SERIES VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MT036A072M017FP Datasheet(HTML) 9 Page - Vicor Corporation

Back Button MT036A072M017FP Datasheet HTML 3Page - Vicor Corporation MT036A072M017FP Datasheet HTML 4Page - Vicor Corporation MT036A072M017FP Datasheet HTML 5Page - Vicor Corporation MT036A072M017FP Datasheet HTML 6Page - Vicor Corporation MT036A072M017FP Datasheet HTML 7Page - Vicor Corporation MT036A072M017FP Datasheet HTML 8Page - Vicor Corporation MT036A072M017FP Datasheet HTML 9Page - Vicor Corporation MT036A072M017FP Datasheet HTML 10Page - Vicor Corporation MT036A072M017FP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Voltage Transformation Module
MT036 SERIES
vicorpower.com
Rev. 1.0
Page 9 of 11
APPLICATION NOTES (CONT.)
Figure 11 — The PRM controls the factorized bus voltage, Vf, in proportion to output current to compensate for the output resistance, Ro, of the VTM. The VTM
output voltage is typically within 1% of the desired load voltage (VL) over all line and load conditions.
L
O
A
D
Factorized
Bus (Vf)
Vo = VL ± 1.0%
(Io•Ro)
K
Vf = V
L +
K
Vin
ROS
RCD
VTM
+IN
+OUT
-OUT
+OUT
-OUT
-IN
TM
VC
PC
PRM-AL
VH
SC
SG
OS
NC
CD
VC
PC
TM
IL
NC
PR
+IN
+OUT
-OUT
-IN
FPA ADAPTIVE LOOP
In figures below;
K = VTM transformation ratio
Vf = PRM output (Factorized Bus Voltage)
RO = VTM output resistance
VO = VTM output
VL = Desired load voltage


Similar Part No. - MT036A072M017FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MT036A072M017FP VICOR-MT036A072M017FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - MT036A072M017FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI_BRICK_MT036_VTM VICOR-VI_BRICK_MT036_VTM Datasheet
496Kb / 11P
   MIL-COTS MT036 SERIES VTMTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com