Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT036A090M013FP Datasheet(PDF) 1 Page - Vicor Corporation

Part # MT036A090M013FP
Description  MIL-COTS MT036 SERIES VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MT036A090M013FP Datasheet(HTML) 1 Page - Vicor Corporation

  MT036A090M013FP Datasheet HTML 1Page - Vicor Corporation MT036A090M013FP Datasheet HTML 2Page - Vicor Corporation MT036A090M013FP Datasheet HTML 3Page - Vicor Corporation MT036A090M013FP Datasheet HTML 4Page - Vicor Corporation MT036A090M013FP Datasheet HTML 5Page - Vicor Corporation MT036A090M013FP Datasheet HTML 6Page - Vicor Corporation MT036A090M013FP Datasheet HTML 7Page - Vicor Corporation MT036A090M013FP Datasheet HTML 8Page - Vicor Corporation MT036A090M013FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Voltage Transformation Module
MT036 SERIES
vicorpower.com
Rev. 1.0
Page 1 of 11
MIL-COTS MT036 SERIES VTM
TM Current Multiplier
Product Overview
-55°C to 100°C baseplate operation
Isolated 1 to 50 Vout
High density
Small footprint
ZVS / ZCS Sine Amplitude Converter
3 MHz effective switching frequency
Low weight – 1.10 oz (31.3 g)
1 µs transient response
Up to 96.5% efficiency
Features
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
Model specific
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
Model specific
A
Continuous
Peak output current
1.5 • Iout
A
For 1 ms
Output power
120
W
Continuous
Peak output power
180
W
For 1 ms
Operating temperature
-55 to +100
°C
M-Grade; baseplate
Storage temperature
-65 to +125
°C
M-Grade
Absolute Maximum Ratings
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
The VI BRICK VTM Current Multiplier
provides extremely fast, efficient, and quiet
fixed ratio voltage division (or current
multiplication). With twelve voltage division
ratios from 1:1 to 1:32, the isolated
VI BRICK VTM provides the user with the
flexibility to supply up to 100 A or 120 W at
any output voltage from 1 to 50 Vdc in a
package occupying ~ 2 square inches.
The Military COTS VI BRICK VTMs are
optimized for use with the Military
Pre-Regulator Module to implement a
Factorized Power Architecture (FPA).
Together, the PRMTM + VTM set provides
the full functionality of a DC-DC converter,
but with breakthrough performance and
flexibility in a rugged, miniature package.
The companion VI BRICK PRM for the MT036
family of VI BRICK VTMs is the 28 Vdc input
MR028A036M012FP, which operates from
an input range of 16-50 Vdc (the data sheet
is available at vicorpower.com). The VTM can
also be used as a standalone POL product.
By factorizing the DC-DC power conversion
into its essential elements – isolation and
transformation on the one hand, and the
output voltage control and regulation on
the other – and arranging those functions
in a sequence that maximizes system
performance, FPA offers a fundamentally
new and significantly improved approach to
power conversion.
The VI BRICK VTM’s fast dynamic response
and low noise eliminate the need for bulk
capacitance at the load, substantially
increasing the POL density while improving
reliability and decreasing cost.


Similar Part No. - MT036A090M013FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MT036A090M013FP VICOR-MT036A090M013FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - MT036A090M013FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI_BRICK_MT036_VTM VICOR-VI_BRICK_MT036_VTM Datasheet
496Kb / 11P
   MIL-COTS MT036 SERIES VTMTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com