Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMB0004MFT Datasheet(PDF) 3 Page - Vicor Corporation

Part # VMB0004MFT
Description  DC to DC Bus Converter Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VMB0004MFT Datasheet(HTML) 3 Page - Vicor Corporation

  VMB0004MFT Datasheet HTML 1Page - Vicor Corporation VMB0004MFT Datasheet HTML 2Page - Vicor Corporation VMB0004MFT Datasheet HTML 3Page - Vicor Corporation VMB0004MFT Datasheet HTML 4Page - Vicor Corporation VMB0004MFT Datasheet HTML 5Page - Vicor Corporation VMB0004MFT Datasheet HTML 6Page - Vicor Corporation VMB0004MFT Datasheet HTML 7Page - Vicor Corporation VMB0004MFT Datasheet HTML 8Page - Vicor Corporation VMB0004MFT Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Voltage range
VIN
normal operating range; See Figure 15
240
270
330
Vdc
for MIL-STD-704E/F performance
dV/dt
dVIN /dt
1
V/µs
Quiescent power
PQ
PC connected to -IN
395
410
mW
No load power dissipation
PNL
VIN = 240 to 330 V
3.7
10.0
W
Inrush Current Peak
IINR-P
VIN = 330 V COUT = 100 µF,
2.5
4.0
A
POUT = 235 W
DC Input Current
IIN-DC
0.95
A
K Factor
(VOUT)
K
1/8
VIN
Output Power (Average)
POUT
VIN = 270 Vdc; See Figure 14
235
W
VIN = 240 – 330 Vdc; See Figure 14
215
Output Power (Peak)
POUT-P
VIN = 270 Vdc
352.5
W
Average P
OUT < = 270 W, Tpeak < 5 ms
Output Voltage
VOUT
Section 3.0 normal operating range
30
41.25
V
Output Current (Average)
IOUT
POUT < = 235 W
7.30
A
Efficiency (Ambient)
η
VIN = 270 V, POUT = 235 W
94.1
95.4
%
VIN = 240 V to 330 V, POUT = 235 W
94.0
95.2
Efficiency (Hot)
η
VIN = 270 V, TJ = 100° C,POUT = 235 W
93.7
94.7
%
Minimum Efficiency
η
60 W < POUT < 235 W Max
90
%
(Over Load Range)
Output Resistance (Ambient)
ROUT
TJ = 25° C
100
130
170
m
Ω
Output Resistance (Hot)
ROUT
TJ = 125° C
130
180
210
m
Ω
Output Resistance (Cold)
ROUT
TJ = -55° C
40
105
160
m
Ω
Load Capacitance
COUT
100
uF
Switching Frequency
FSW
1.56
1.64
1.72
MHz
Ripple Frequency
FSW-RP
3.12
3.28
3.44
MHz
Output Voltage Ripple
VOUT-PP
COUT = 0µF, POUT = 235 W, VIN = 270 V,
180
400
mV
Section 8.0
VIN to VOUT (Application of VIN)TON1
VIN = 270 V, CPC = 0; See Figure 17
460
540
620
ms
PC
PC Voltage (Operating)
VPC
4.7
5.0
5.3
V
PC Voltage (Enable)
VPC-EN
2.0
2.5
3.0
V
PC Voltage (Disable)
VPC-DIS
1.95
V
PC Source Current (Start up)
IPC-EN
50
100
300
uA
PC Source Current (Operating)
IPC-OP
2
3.5
5
mA
PC Internal Resistance
RPC-SNK
Internal pull down resistor
50
150
400
k
Ω
PC Capacitance (Internal)
CPC_INT
Section 5.0
1000
pF
PC Capacitance (External)
CPC_EXT
External capacitance delays PC enable time
1000
pF
External PC Resistance
RPC
Connected to –VIN
50
k
Ω
PC External Toggle Rate
FPC-TOG
1
Hz
PC to VOUT with PC Released
Ton2
VIN = 270 V, Pre-applied; See Figure 17
50
100
150
µs
PC to VOUT, Disable PC
TPC-DIS
VIN = 270 V, Pre-applied; See Figure 17
4
10
µs
1.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -55°C < TJ < 125°C (M-Grade); All other specifications are at TJ = 25º unless otherwise noted
vicorpower.com
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
Rev. 1.3
9/2009
Page 3 of 18
VMB0004MFJ - VMB0004MFT


Similar Part No. - VMB0004MFT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VMB0004MFT VICOR-VMB0004MFT Datasheet
1Mb / 19P
   BCM Bus Converter
More results

Similar Description - VMB0004MFT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIB0010TFJ VICOR-VIB0010TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0002TFJ VICOR-VIB0002TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0003TFJ VICOR-VIB0003TFJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
VIB0101THJ VICOR-VIB0101THJ Datasheet
1Mb / 16P
   DC to DC Bus Converter Module
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
   210 - 300W DC/DC BUS CONVERTER MODULE
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com