Electronic Components Datasheet Search |
|
VMB0004MFT Datasheet(PDF) 4 Page - Vicor Corporation |
|
VMB0004MFT Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 18 page 1.0 ELECTRICAL CHARACTERISTICS (CONT.) Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature range of -55°C < TJ < 125°C (M-Grade); All other specifications are at TJ = 25ºC unless otherwise noted ATTRIBUTE SYMBOL CONDITIONS / NOTES MIN TYP MAX UNIT TM TM accuracy Actm -5 +5 ºC TM Gain ATM 10 mV/°C TM Source Current ITM 100 uA TM Internal Resistance RTM-SNK 25 40 50 k Ω External TM Capacitance CTM 50 pF TM Voltage Ripple VTM-PP CTM = 0 uF, VIN = 270 V, POUT = 235 W 200 400 500 mV PROTECTION Negative going OVLO VIN OVLO- 350 365 380 V Positive going OVLO VIN OVLO+ 355 372 385 V Negative going UVLO VIN UVLO- 90 115 125 V Positive going UVLO VIN UVLO+ 100 125 135 V Output Overcurrent Trip IOCP VIN = 270 V, 25°C 9 12 14 A Short Circuit Protection ISSP 14 A Trip Current Short Circuit Protection TSSP 0.8 1.0 1.2 us Response Time Thermal Shut down TJ-OTP 125 130 135 °C Junction set point GENERAL SPECIFICATION Isolation Voltage (Hi-Pot) VHIPOT 4242 V Working Voltage (IN – OUT) Vworking 500 V Isolation Capacitance CIN-OUT Unpowered unit 500 660 800 pF Isolation Resistance RIN-OUT 10 M Ω MTBF MIL HDBK 217F, 25° C, GB 4.2 Mhrs Agency Approvals/Standards CE Mark vicorpower.com V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200 Rev. 1.3 9/2009 Page 4 of 18 VMB0004MFJ - VMB0004MFT |
Similar Part No. - VMB0004MFT |
|
Similar Description - VMB0004MFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |