Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP4062-B5F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4062-B5F
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062-B5F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4062-B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 4 of 13
Electrical Characteristics
(
Over 0C ≤TJ ≤125°C and recommended supply voltage)
LP4062
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VCC
Input Supply Voltage
4.35
12
V
ICC
Input Supply Current
Charge Mode (Note 4),RPROG = 10k
Standby Mode (Charge Terminated)
Shutdown Mode (RPROG Not
Connected,
VCC < VBAT, or VCC < VUV)
350
200
25
2000
500
50
µA
VFLOAT
Regulated Output (Float) Voltage
0℃ TA 85℃, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
RPROG = 2k, Current Mode
Standby Mode, VBAT = 4.2V
Shutdown Mode (RPROG Not
Connected)
Sleep Mode, VCC = 0V
100
475
0
110
510
-2.5
±
1
±
1
120
545
-6
±
2
±
2
mA
mA
µA
µA
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2k (Note 5)
20
50
70
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising (Note 5)
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RPROG = 10k (Note 5)
60
80
110
mV
VUV
VCC
Undervoltage
Lockout
Threshold
From VCC Low to High
3.55
3.7
3.85
V
VUVHYS
VCC
Undervoltage
Lockout
Hysteresis
150
200
300
mV
VMSD
Manual
Shutdown
Threshold
Voltage
PROG Pin Rising
1.85
1.94
2.05
V
VASD
VCC – VBAT Lockout Threshold
Voltage
VCC from Low to High
VCC from High to Low
70
5
100
30
140
50
mV
ITERM
C/10
Termination
Current
Threshold
RPROG = 10k (Note 6)
RPROG = 2k
0.085
0.085
0.10
0.10
0.115
0.115
mA/
mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.96
1.03
1.10
V
ICHRG
CHRG Pin Weak Pull-Down
Current
VCHRG = 5V
7
12
20
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
Δ
VRECHRG
Recharge
Battery
Threshold
Voltage
VFLOAT-VRECHRG
100
150
200
mV
TLIM
Junction Temperature in Constant
Temperature Mode
120
RON
Power FET “ON” Resistance
(Between VCC and BAT)
600
tSS
Soft-Start Time
IBAT = 0 to IBAT =1000V/RPROG
100
µs
tRECHAR
GE
Recharge Comparator Filter Time
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination
Comparator
Filter
Time
IBAT Falling Below ICHG/10
400
100
0
2500
µs
IPROG
PROG Pin Pull-Up Current
3
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
Note 2: The LP4062 are guaranteed to meet performance specifications from 0℃ to 70℃.
Specifications over the -40℃ to 85℃ operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: See Thermal Considerations.
Note 4: Supply current includes PROG pin current (approximately 100µA) but does not include any current
delivered to the battery through the BAT pin (approximately 100mA).
Note 5: This parameter is not applicable to the LP4062.
Note 6: ITERM is expressed as a fraction of measured full charge current with indicated PROG resistor.


Similar Part No. - LP4062-B5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
   Programmable Charge Current Up to 800mA
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4060A-B5F POWER-LP4060A-B5F Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
   800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
LP4063 POWER-LP4063 Datasheet
376Kb / 6P
   800mA Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP4062-B5F

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com