Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP78081 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP78081
Description  600mA High Efficiency Synchronous Buck with 350mA LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78081 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP78081 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP78081
LP78081 – Ver. 1.0 Datasheet
Feb.-2008
Page 3 of 8
Absolute Maximum Ratings
Input Supply Voltage
-0.3V to 6V
LDO Current
350mA
P-Channel Switch Source Current(DC)
600mA
N-Channel Switch Current(DC)
600mA
Peak SW Sink and Source Current
800mA
Operation Temperature Range
--40℃ to 85℃
Junction Temperature
125℃
Storage Temperature
--65℃ to 150℃
Lead Temp(Soldering,10sec)
260℃
ESD Rating(HBM)
2KV
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2µH, CIN= 4.7µF, COUT= 10µF, TA= 25°C, IMAX = 600mA
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
6.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB =0.5V
IOUT = 0mA, VFB =0.7V
270
25
350
35
uA
Shutdown Current
ISHDN
EN = GND
0.1
1
uA
Reference Voltage
VREF
For adjustable output voltage
0.602
0.625
0.632
V
Adjustable Output Range
VOUT
VREF
VIN −
0.2
V
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V 0A <
IOUT < 600mA
3
+3
%
Output
Voltage
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V 0A <
IOUT < 600mA
3
+3
%
Accuracy
Δ
VOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V 0A <
IOUT < 600mA
3
+3
%
Fixed
Δ
VOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V 0A <
IOUT < 600mA
3
+3
%
Δ
VOUT
VIN = VOUT + 0.2V to 5.5V, VIN ≧
3.5V 0A < IOUT < 600mA
3
+3
%
Adjustable
Δ
VOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧
2.2V 0A < IOUT < 600mA
3
+3
%
LDO Output
current
ILDO
300
350
400
mA
PMOSFET
RON
PRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.45
0.53
Ω
NMOSFET
RON
NRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.45
Ω
P-Channel
Current Limit
IP(LM)
VIN =2.2
to 5.5V
600
800
1000
mA
EN
Threshold
VEN
0.8
1.2
1.5
V
EN Leakage
Current
VENL
--
2
uA


Similar Part No. - LP78081

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/30QVF POWER-LP78083-30/30QVF Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/33QVF POWER-LP78083-30/33QVF Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-33/30QVF POWER-LP78083-33/30QVF Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-33/33QVF POWER-LP78083-33/33QVF Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
More results

Similar Description - LP78081

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Lowpower Semiconductor ...
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78086 POWER-LP78086 Datasheet
333Kb / 9P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com