Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP78084 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP78084 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 5 of 22
Electrical Characteristics (VINA
=VOUT(NOM) + 1V for VOUT options greater than 1 .5V. IOUT = 1mA, COUT = 2.2µF, CIN = 1µF,
TA = -40to 85, unless otherwise noted. Typical values are TA=25)
LP78084
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Linear Regulator
VOUT
Output Voltage Tolerance
IOUTA = 100 µA to
300mA
TA = 25°C
-3
3
%
VIN
Input Voltage
V
OUT
+
VDO
5.5
V
VDO
Dropout Voltage
I
OUTA
= 300mA
150
200
mV
VOUT/
V
OUT
*VIN
Line Regulation
V
INA
=
V
OUTA
+ 0.5 to 5.5V,
I
OUTA
= 1mA
0.05
0.2
%/V
VOUT(Load)
Dynamic Load Regulation
IOUTA = 1mA to 300mA
15
35
mV
I
OUT
Output Current
V
OUTA
> 1 .2V
300
mA
ISC
Short-Circuit Current
TA = -40к to 85к
720
mA
IQ
Quiescent Current
V
INA
= 5V; ENA = VIN
84
140
µA
ISHDN
Shutdown Current
VINA = 5V; ENA = 0V
1
µA
PSRR
Power Supply Rejection Ratio
VIN
=V
OUT
+1V
1kHz
65
dB
TSD
Over-Temperature Shutdown
Threshold
160
THYS
Over-Temperature Shutdown
Hysteresis
25
eN
Output Noise
IOUT
=10mA,10HzЉ fЉ 100kHz
125
µVRMS
VEN(L)
Enable Threshold Low
0.4
V
V
EN(H)
Enable Threshold High
1.6
V
IEN
Enable Input Current
VENA = 5.5V
100
nA
Battery Charger Operation
VADP
Adapter Voltage Range
3.75
5
5.5
V
VASD
Automatic Shutdown Threshold
Voltage
(
V
CC
-
V
BAT),
V
CC
Low to High
85
110
135
mV
(VCC-VBAT),VCC High to Low
15
45
70
T
SS_CHRG
Battery Charger Soft-Start Time
120
µS
V
Under-Voltage Lockout (UVLO)
ADP Rising Edge
3.4
3.6
3.8
V
ADP Falling Edge
2.8
3
3.2
V
IOP
Operating Current
VBAT
=4.5V(Forces
IBAT and IISET=0)
115
300
µA
I
SHUTDOWN
Shutdown Current
V
BAT
= 4V, EN_BAT = GND
0.2
5
µA
ILEAKAGE
Reverse Leakage Current from
BAT Pin
VBAT = 4V, VADP=3.5V
0.7
2
µA


Similar Part No. - LP78084

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-30B6F POWER-LP78081-30B6F Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-33B6F POWER-LP78081-33B6F Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/30QVF POWER-LP78083-30/30QVF Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
More results

Similar Description - LP78084

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
   800mA Total Display Solution for Portable Devices
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
BCD Semiconductor Manuf...
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com