Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3984-30B5F Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3984-30B5F
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3984-30B5F Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3984-30B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3984-30B5F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP3984
LP3984 – 01 Ver. 1.1 Datasheet
Jul.-2008
Page 3 of 8
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1µF, CBP = 22nF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ. Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Output Loading Current
ILOAD
VEN=VIN,VIN>2.5V
300
mA
Current Limit
ILIM
RLOAD = 1Ω
360 400
mA
Quiescent Current
IQ
VEN ≥ 1.2V, IOUT = 0mA
75
130
μA
Dropout Voltage
VDROP
IOUT = 200mA, VOUT >
2.8V
160 200
mV
IOUT = 300mA, VOUT >
2.8V
220 300
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to
5.5V, IOUT = 1mA
0.3
%
Load Regulation
ΔLOAD
1mA < IOUT < 300mA
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
0.01 1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
0.1
100
nA
EN Threshold
Logic-Low
Voltage
VIL
VIN = 3V to 5.5V,
Shutdown
0.4
V
Logic-High
Voltage
VIH
VIN = 3V to 5.5V,
Start-Up
1.2
Output Noise Voltage
10Hz to 100kHz, IOUT =
200mA COUT = 1µF
100
uVRMS
Power Supply
f = 100Hz PSRR
−76
dB
Rejection Rate
f = 10kHz
COUT = 1µF,
IOUT = 10mA
−68
Thermal Shutdown Temperature
TSD
165
°C


Similar Part No. - LP3984-30B5F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3984 NSC-LP3984 Datasheet
293Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
logo
Texas Instruments
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
National Semiconductor ...
LP3984IBP-1.5 NSC-LP3984IBP-1.5 Datasheet
293Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP3984IBP-1.8 NSC-LP3984IBP-1.8 Datasheet
293Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
LP3984IBP-2.0 NSC-LP3984IBP-2.0 Datasheet
293Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
More results

Similar Description - LP3984-30B5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com