Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3987-1.8B3C Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3987-1.8B3C
Description  300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987-1.8B3C Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3987-1.8B3C Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987-1.8B3C Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3987
LP3987-datasheet
Oct.-2003
7-7
maximum operation junction temperature 125°C. The
power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ The maximum
power dissipation depends on the thermal resistance
of IC package, PCB layout, the rate of surroundings
airflow and temperature difference between junction
to ambient. The maximum power dissipation can be
calculated by following formula :
PD(MAX) = ( TJ(MAX) − TA ) /θJA Where TJ(MAX) is
the maximum operation junction temperature 125°C,
TA is the ambient temperature and the θJA is the
junction to ambient thermal resistance.
For
recommended
operating
conditions
specification of LP3987, where TJ(MAX) is the
maximum junction temperature of the die (125°C)
and TA is the maximum ambient temperature. The
junction to ambient thermal resistance (θJA is layout
dependent) for SOT-23-5 package is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (SOT-23-5)
PD(MAX) = (125°C−25°C) / 165 = 606mW
The maximum power dissipation depends on
operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.


Similar Part No. - LP3987-1.8B3C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
   Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3987 TI-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
   Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3987ITL-2.5 TI-LP3987ITL-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
More results

Similar Description - LP3987-1.8B3C

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
   For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com