Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350-6.144M-5DN-TTS Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 350-6.144M-5DN-TTS
Description  Metal Dip Half Size Programmable XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

350-6.144M-5DN-TTS Datasheet(HTML) 2 Page - Oscilent Corporation

  350-6.144M-5DN-TTS Datasheet HTML 1Page - Oscilent Corporation 350-6.144M-5DN-TTS Datasheet HTML 2Page - Oscilent Corporation 350-6.144M-5DN-TTS Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
#4 Case Ground
#5 Output
#8 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pin 1
Connection
Gullwing
350
- 6.144 M
- 3
E
N
- T
NC
G
Oscilent
Prog.
Clock
Oscillators
Enter your desired
frequency e.g.
12.0M =
12.000MHz See
table below for
standard
frequencies.
5 = 5VDC
3 = 3.3VDC
D = ±100 PPM
E = ±50 PPM
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = 50±5%
NC = No
Connnection
TS = Tri-State
Enable High
Blank* = Std.
G = Gullwing
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
STANDARD OSCILLATOR FREQUENCIES - GUIDE ONLY / OTHER FREQUENCIES AVAILABLE
FREQUENCY (1.000 - 9.8304MHz)
FREQUENCY (10.00 - 24.000MHz)
FREQUENCY (24.576 - 80.000MHz)
1.000
10.00
24.576
1.2288
11.0592
25.000
1.8432
12.000
25.175
2.000
12.288
28.322
2.4576
12.800
30.000
3.579545
14.31818
32.000
3.6864
14.7456
32.514
4.000
15.9744
33.000
4.9152
16.000
35.000
5.000
16.257
40.000
Page 2 of 3
Oscilent Corporation | 350 Series Crystal Oscillator


Similar Part No. - 350-6.144M-5DN-TTS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350-6800 RUBYCON-350-6800 Datasheet
257Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350-6.144M-5DN-TTS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
360-4.000M-3DNTTS OSCILENT-360-4.000M-3DNTTS Datasheet
145Kb / 3P
   Metal Dip Full Size Programmable XO
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
   Metal Half Size DIP CMOS Oscillator
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
logo
Suntsu Electronics, Inc...
SVCHSC SUNTSU-SVCHSC Datasheet
381Kb / 3P
   Metal Half Size Dip CMOS VCXO
logo
ILSI America LLC
HCOF ILSI-HCOF Datasheet
57Kb / 2P
   Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
I212 ILSI-I212 Datasheet
47Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I202 ILSI-I202 Datasheet
48Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Vectron International, ...
VPB1-B1B-40M000 VECTRON-VPB1-B1B-40M000 Datasheet
119Kb / 2P
   VPB1 Half Size Dip Crystal Oscillators
VPB1 VECTRON-VPB1 Datasheet
118Kb / 2P
   VPB1 Half Size Dip Crystal Oscillators
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
   Programmable XO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com