Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420-12.0M-3EC-T Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 420-12.0M-3EC-T
Description  Plastic J-Lead HCMOS / TTL Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

420-12.0M-3EC-T Datasheet(HTML) 2 Page - Oscilent Corporation

  420-12.0M-3EC-T Datasheet HTML 1Page - Oscilent Corporation 420-12.0M-3EC-T Datasheet HTML 2Page - Oscilent Corporation 420-12.0M-3EC-T Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PIN CONNECTIONS
#1
No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp. (°
C)
Duty Cycle
Pin 1 Connection
420
- 12.0M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your desired
frequency e.g. 12.0M =
12.000MHz See table
below for standard
frequencies.
5 = 5VDC
3 = 3.3VDC
D =
±100 PPM
E =
±50 PPM
Blank* = 0~+70
C = -10~+70
D = -20~+70
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
PART NUMBER CODING - STANDARD OSCILLATOR FREQUENCIES
FREQUENCY (1.0 ~ 15.9744 MHz)
FREQUENCY (16.0 ~ 66.666 MHz)
1.0
16.0
1.2288
16.257
1.8432
16.384
2.0
17.734475
2.4576
18.0
3.579545
18.432
Page 2 of 3
Oscilent Corporation | 420 Series Surface Mount Crystal Oscillator


Similar Part No. - 420-12.0M-3EC-T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
420-2-61380111 3M-420-2-61380111 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
More results

Similar Description - 420-12.0M-3EC-T

ManufacturerPart #DatasheetDescription
logo
MMD Components
MLH MMD-MLH Datasheet
63Kb / 1P
   Ceramic J-Lead HCMOS/TTL Oscillator
logo
Oscilent Corporation
480-8.0M-5DN-TTS OSCILENT-480-8.0M-5DN-TTS Datasheet
150Kb / 3P
   Plastic Programmable HCMOS / TTL Output
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
565-120.0M-3DN-TP1 OSCILENT-565-120.0M-3DN-TP1 Datasheet
135Kb / 2P
   HCMOS / TTL Output
430 OSCILENT-430 Datasheet
151Kb / 3P
   HCMOS / TTL Output
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com