Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3987-2.5B5E Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3987-2.5B5E
Description  300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987-2.5B5E Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3987-2.5B5E Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987-2.5B5E Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP3987
LP3987-datasheet
Oct.-2003
6-6
Applications Information
Like
any
low-dropout
regulator,
the
external
capacitors used with the LP3987 must be carefully
selected for regulator stability and performance.
Using a capacitor whose value is > 1µF on the
LP3987 input and the amount of capacitance can be
increased without limit. The input capacitor must be
located a distance of not more than
0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic or
tantalum can be used for this capacitor. The
capacitor
with
larger
value
and
lower
ESR
(equivalent series resistance) provides better PSRR
and line-transient response. The output capacitor
must meet both requirements for minimum amount
of capacitance and ESR in all LDOs application. The
LP3987 is designed specifically to work with low ESR
ceramic output capacitor in space-saving and
performance
consideration.
Using
a
ceramic
capacitor whose value is at least 1µF with ESR is >
25mΩ on the LP3987 output ensures stability. The
LP3987 still works well with output capacitor of other
types due to the wide stable ESR range. Figure 1
shows the curves of allowable ESR range as a
function of load current for various output capacitor
values. Output capacitor of larger capacitance can
reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be
located not more than 0.5 inch from the VOUT pin of
the LP3987 and returned to a clean analog ground.
Start-up Function
Enable Function
The
LP3987
features
an
LDO
regulator
enable/disable function. To assure the LDO regulator
will switch on, the EN turn on control level must be
greater than 1.2 volts. The LDO regulator will go into
the shutdown mode when the voltage on the EN pin
falls below 0.4 volts. For to protecting the system,
the LP3987 have a quick-discharge function. If the
enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO
regulator in a continuously on state.
Bypass Capacitor and Low Noise
Connecting a 22nF between the BP pin and GND pin
significantly reduces noise on the regulator output, it
is critical that the capacitor connection between the
BP pin and GND pin be direct and PCB traces should
be as short as possible. There is a relationship
between the bypass capacitor value and the LDO
regulator turn on time. DC leakage on this pin can
affect the LDO regulator output noise and voltage
regulation performance.
Thermal Considerations
Thermal protection limits power dissipation in
LP3987. When the operation junction temperature
exceeds 165°C, the OTP circuit starts the thermal
shutdown function turn the pass element off. The
pass element turn on again after the junction
temperature cools by 30°C.
For continue operation, do not exceed absolute


Similar Part No. - LP3987-2.5B5E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
   Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3987 TI-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
   Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3987ITL-2.5 TI-LP3987ITL-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
More results

Similar Description - LP3987-2.5B5E

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
   For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com