Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

434-12.0M-3FD-TNC Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 434-12.0M-3FD-TNC
Description  5 x 3.2 SMD Ceramic HCMOS / TTL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

434-12.0M-3FD-TNC Datasheet(HTML) 2 Page - Oscilent Corporation

  434-12.0M-3FD-TNC Datasheet HTML 1Page - Oscilent Corporation 434-12.0M-3FD-TNC Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1 No Connection or
Tri-State Enable
High
#2 Case Ground
#3 Output
#4 Vdd
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Frequency
Tolerance &
Stability (max.)
Operating Temp.
(°C)
Duty Cycle
Pin 1 Connection
434
- 12.0M
- 3
E
N
- T
TS
Oscilent
SMD
Oscillators
Enter your desired
frequency e.g. 12.0M =
12.000MHz
5 = 5VDC
3 = 3.3VDC
D =
±100 ppm
E =
±50 ppm
F =
±25 ppm
G =
±20 ppm
Blank* = 0~+70
C = -10~+70
D = -20~+70
N = -40~+85
Blank*= 50±10%
T = -50±5%
NC = No
Connnection
TS = Tri-State
Enable High
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: - "Blank" part number selections, indicate standard variables for the particular characteristic.
PACKAGING: - Add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 434
Page 2 of 2
Oscilent Corporation | 434 Series Surface Mount Crystal Oscillator


Similar Part No. - 434-12.0M-3FD-TNC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
logo
Bi technologies
434 BITECH-434 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
3M Electronics
434 3M-434 Datasheet
345Kb / 3P
   Vibration Damping Tapes
logo
Heyco.
4340 HEYCO-4340 Datasheet
114Kb / 1P
   Cable Holders - Snap Rivet Mount
More results

Similar Description - 434-12.0M-3FD-TNC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
432-12.0M-7DC-TNC OSCILENT-432-12.0M-7DC-TNC Datasheet
142Kb / 2P
   5 x 3.2 SMD Ceramic HCMOS / TTL Output
430-2.0M-5DC-T OSCILENT-430-2.0M-5DC-T Datasheet
151Kb / 3P
   7 x 5 SMD Ceramic HCMOS / TTL Output
435-12.0M-3DC-TTS OSCILENT-435-12.0M-3DC-TTS Datasheet
169Kb / 2P
   3.2 x 2.5 SMD Ceramic HCMOS Output
logo
EUROQUARTZ limited
MB53T EUROQUARTZ-MB53T Datasheet
177Kb / 1P
   5 x 3.2 x 2.2mm SMD HCMOS
logo
Transko Electronics, In...
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
   MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
logo
Oscilent Corporation
481-2.4576M-5DN-TTS OSCILENT-481-2.4576M-5DN-TTS Datasheet
150Kb / 3P
   7 x 5 Programmable HCMOS / TTL Output
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
MMD Components
MTTBS MMD-MTTBS Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTH MMD-MTH Datasheet
78Kb / 1P
   5 x 3.2 Ceramic SMD Oscillator
MTTAS MMD-MTTAS Datasheet
347Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com