Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

772-0065 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 772-0065
Description  Ceramic Series For TV / VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

772-0065 Datasheet(HTML) 1 Page - Oscilent Corporation

  772-0065 Datasheet HTML 1Page - Oscilent Corporation 772-0065 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
Filters
Series Number
Package
Description
Last Modified
772 ~ 773
Ceramic Series
For TV / VCR
Jan. 01 2008
Filter FEATURES
- Wide bandwidth Ceramic Filter
- Low insertion loss
- Low spurious suppression characteristics
- TV SIF stage use
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
PART NO.
Type
Fig.
Nominal
Frequency
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious Attenuation
In/Output
Impedance
(fn)(MHz)
(KHz) min.
(KHz) max.
(dB) max.
(dB) min.
(Ohm)
772-0045
LTS/CB
2
4.500
fn ±60
600
6.0
30 (0 ~ 4.5 MHz)
1000
772-0055
LTS/CB
2
5.500
fn ±60
600
6.0
30 (0 ~ 5.5 MHz)
600
772-0060
LTS/CB
2
6.000
fn ±60
600
6.0
30 (0 ~ 6.0 MHz)
470
772-0065
LTS/CB
2
6.500
fn ±70
650
6.0
30 (0 ~ 6.5 MHz)
470
773-0045
LTS/DB
2
4.500
fn ±70
750
6.0
30 (0 ~ 4.5 MHz)
1000
773-0055
LTS/DB
2
5.500
fn ±80
750
6.0
30 (0 ~ 5.5 MHz)
600
773-0060
LTS/DB
2
6.000
fn ±80
750
6.0
30 (0 ~ 6.0 MHz)
470
773-0065
LTS/DB
2
6.500
fn ±80
800
6.0
30 (0 ~ 6.5 MHz)
470
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
OTHER: 771 Series have been discontinued on Jan 01 2008
Page 1 of 2
Oscilent Corporation | 771 - 773 Series Ceramic Filter


Similar Part No. - 772-0065

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
772-0065 OSCILENT-772-0065 Datasheet
140Kb / 2P
   For TV / VCR
More results

Similar Description - 772-0065

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
   Ceramic XT Trap For TV/VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
logo
Token Electronics Indus...
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com